Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3602ACMC Datasheet(PDF) 132 Page - Teccor Electronics

Part # P3602ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3602ACMC Datasheet(HTML) 132 Page - Teccor Electronics

Back Button P3602ACMC Datasheet HTML 128Page - Teccor Electronics P3602ACMC Datasheet HTML 129Page - Teccor Electronics P3602ACMC Datasheet HTML 130Page - Teccor Electronics P3602ACMC Datasheet HTML 131Page - Teccor Electronics P3602ACMC Datasheet HTML 132Page - Teccor Electronics P3602ACMC Datasheet HTML 133Page - Teccor Electronics P3602ACMC Datasheet HTML 134Page - Teccor Electronics P3602ACMC Datasheet HTML 135Page - Teccor Electronics P3602ACMC Datasheet HTML 136Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 212 page
background image
GR 1089–Core
http://www.teccor.com
4 - 8
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Notes:
1. Primary protectors are removed for all tests.
2. For EUT containing secondary voltage limiting and current limiting protectors, tests are to be performed at the indicated voltage(s)
and repeated at a reduced voltage and current just below the operating threshold of the secondary protectors.
3. This test is to be performed between the ranges of 100 V to 600 V and is intended to produce the greatest heating affect.
4. Test 5 simulates a high impedance induction fault. Specific information regarding this test is available upon request.
5. These tests are repeated using a short-circuit value just below the operating threshold of the current limiting device, or, if the EUT
uses a fuse as current limiting protection, the fuse may be bypassed and the short circuit current available adjusted to 135% of the
fuse rating.
6. Intra-building, second level lower fault test uses test condition 1 only. The applied voltage is at 120 V rms only.
Second Level AC Power Fault for Customer Premises Equipment
For customer premises equipment, the EUT is tested to the conditions presented in
Table 4.8 and connected to a circuit equivalent to that shown in Figure 4.2. During this test,
the wiring simulator cannot open. For equipment that uses premises type of wiring, the
wiring simulator is a 1.6 A Type MDQ fuse from Bussman. For equipment that is connected
by cable, the wiring simulator is a piece of 26-gauge copper wire.
Notes:
1. Applied between exposed surfaces and Ground
2. The 60 Hz signal is applied with an initial amplitude of 30 V rms and increased by 20% every 15 minutes until one of the following
occurs:
— Voltage reaches the maximum specified
— Current reaches 20 A or the wiring simulator opens
— EUT fails open circuit
3. If the EUT fails open circuit, the test continues for an additional 15 minutes to ensure that another component of the EUT does not
create a fire, fragmentation, or electrical safety hazard.
Table 4.7 Second Level AC Power Fault Test for Non-Customer Premises Equipment
Test
(Notes 1, 2)
Applied Voltage, 60 Hz
(VRMS)
Short Circuit Current
per Conductor
(A)
(Note 5)
Duration
Test Connections
(Table 4.1, Figure 4.1)
1
120, 277
25
15 min
A
2
600
60
5 s
A
3600
7
5 s
A
4 (Note 3)
100-600
2.2A at 600 V
15 min
A
5 (Note 4)
N/A
N/A
15 min
N/A
Table 4.8 Second Level AC Power Fault for Customer Premises Equipment
Test
Applied Voltage, 60 Hz
(VRMS)
(Notes 2, 3)
Source Impedance
W
Test Connections
(Table 4.1, Figure 4.2)
1
300
20
(Note 1)
2
600
20
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com