Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3602ACMC Datasheet(PDF) 136 Page - Teccor Electronics

Part # P3602ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3602ACMC Datasheet(HTML) 136 Page - Teccor Electronics

Back Button P3602ACMC Datasheet HTML 132Page - Teccor Electronics P3602ACMC Datasheet HTML 133Page - Teccor Electronics P3602ACMC Datasheet HTML 134Page - Teccor Electronics P3602ACMC Datasheet HTML 135Page - Teccor Electronics P3602ACMC Datasheet HTML 136Page - Teccor Electronics P3602ACMC Datasheet HTML 137Page - Teccor Electronics P3602ACMC Datasheet HTML 138Page - Teccor Electronics P3602ACMC Datasheet HTML 139Page - Teccor Electronics P3602ACMC Datasheet HTML 140Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 212 page
background image
ITU-T K.20 and K.21
http://www.teccor.com
4 - 12
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Figure 4.4 Connection Appearances (R = 10
W, 20 W, 40 W, 80 W, 160 W, 300 W, 600 W, and 1000 W
for the various power cross tests)
* One-minute rest between repetitions
* One-minute rest between repetitions
** Reduce to 1.5 kV if SPD connects to GRD.
*** Does not apply if primary protectors are used.
A
R
R
B
E
Equipment
Under Test
Timing Circuit
Generator
Ua.c.
Table 4.11 K.20 Power Cross Test Conditions for Telecom Type Ports, Metallic, and Longitudinal
Voltage
Basic/Enhanced
Current (5x310 µs)
Basic/Enhanced
(A)
Duration
Basic/Enhanced
Repetitions *
Primary
Protection
Acceptance Criteria
Basic/Enhanced
600 V/600 V
50 Hz or 60 Hz
1/1
0.2 s
5
None
A/A
600/1.5 kV
50 Hz or 60 Hz
1/7.5
1 s/2 s
5
None
A/A
230/230 V
50 Hz or 60 Hz
23/23
15 min
1
None
B/B
11.5/11.5
B/B
5.75/5.75
B/B
2.875/2.875
B/B
1.44/1.44
B/A
0.77/0.77
B/A
0.38/0.38
B/A
0.23/0.23
B/B
Table 4.12 K.21 Lightning Test Conditions for Telecom Equipment on Customer Premises
Voltage (10x700 µs)
Current (5x310 µs)
Basic/Enhanced
(A)
Repetitions *
Primary
Protection
Acceptance
Criteria
Single Port
Multiple Ports
Longitudinal Only
(kV)
Basic/Enhanced
Longitudinal
(kV)
Basic/Enhanced
Metallic
(kV)
Basic/Enhanced
1.5/6 **
37.5/150
±5
None
A ***
4/6
100/150
±5
Installed if used
A
1.5/1.5
1.5/1.5
37.5/37.5
±5
None
A ***
4/6
4/6
100/150
±5
Installed if used
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com