Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3602ACMC Datasheet(PDF) 138 Page - Teccor Electronics

Part # P3602ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3602ACMC Datasheet(HTML) 138 Page - Teccor Electronics

Back Button P3602ACMC Datasheet HTML 134Page - Teccor Electronics P3602ACMC Datasheet HTML 135Page - Teccor Electronics P3602ACMC Datasheet HTML 136Page - Teccor Electronics P3602ACMC Datasheet HTML 137Page - Teccor Electronics P3602ACMC Datasheet HTML 138Page - Teccor Electronics P3602ACMC Datasheet HTML 139Page - Teccor Electronics P3602ACMC Datasheet HTML 140Page - Teccor Electronics P3602ACMC Datasheet HTML 141Page - Teccor Electronics P3602ACMC Datasheet HTML 142Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 212 page
background image
TIA-968 (formerly known as FCC Part 68)
http://www.teccor.com
4 - 14
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
TIA-968 (formerly known as FCC Part 68)
TIA-968 applies to all terminal equipment connected to the Public Switched Telephone
Network (PSTN) and holds the “rule of law” by congressional order.
The purpose of TIA-968 is to provide a set of uniform standards to protect the telephone
network from any damage or interference caused by the connection of terminal equipment.
This standard includes environmental simulations such as vibration tests, temperature and
humidity cycling, drop tests and tests for hazardous voltages and currents, as well as tests
for signal power levels, line balance, on-hook impedance, and billing protection. All these
standards must be met before and after the environmental tests are applied.
Overvoltage Test
TIA-968 compliant equipment must undergo an overvoltage test that includes a Type A and
Type B Metallic Voltage Surge and a Type A and Type B Longitudinal Voltage Surge. These
surges are part of the environmental simulation, and although a provision does allow the
EUT to reach an open circuit failure mode during the Type A tests, failures must:
1. Arise from an intentional design that will cause the phone to be either disconnected from
the public network or repaired rapidly
2. Be designed so that it is substantially apparent to the end user that the terminal
equipment is not operable
A common example of an acceptable failure would be an open circuit due to an open
connection on either Tip or Ring.
For Type B surges, equipment protection circuitry is not allowed to fail. The EUT must be
designed to withstand Type B surges and continue to function in all operational states.
Metallic Voltage Surge
The Type A and Type B Metallic Voltage Surges are applied in both the positive and
negative polarity across Tip and Ring during all operational states (on-hook, off-hook,
ringing, and so on). The Type A surge is an 800 V, 100 A peak surge while the Type B
surge is a 1000 V, 25 A peak surge, as presented in Table 4.14.
Notes:
• For Type A surges, the EUT may pass either “operationally” or “non-operationally.”
• For Type B surges, the EUT must pass “operationally.”
• The peak current for the Type A longitudinal surge is the total available current from the surge generator.
• The peak current for the Type B longitudinal surge is the current supplied to each conductor.
Table 4.14 TIA-968 Voltage Surge
Surge
Type
Peak
Voltage
(VPK)
Rise &
Decay Time
(Voltage Waveform)
Peak
Current
(A)
Rise &
Decay Time
(Current Waveform)
Repetitions
Each Polarity
Metallic A
±800
10x560 µs
100
10x560µs
1
Longitudinal A
±1500
10x160 µs
200
10x160µs
1
Metallic B
±1000
9x720 µs
25
5x320µs
1
Longitudinal B
±1500
9x720 µs
37.5
5x320µs
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com