Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3602ACMC Datasheet(PDF) 144 Page - Teccor Electronics

Part # P3602ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3602ACMC Datasheet(HTML) 144 Page - Teccor Electronics

Back Button P3602ACMC Datasheet HTML 140Page - Teccor Electronics P3602ACMC Datasheet HTML 141Page - Teccor Electronics P3602ACMC Datasheet HTML 142Page - Teccor Electronics P3602ACMC Datasheet HTML 143Page - Teccor Electronics P3602ACMC Datasheet HTML 144Page - Teccor Electronics P3602ACMC Datasheet HTML 145Page - Teccor Electronics P3602ACMC Datasheet HTML 146Page - Teccor Electronics P3602ACMC Datasheet HTML 147Page - Teccor Electronics P3602ACMC Datasheet HTML 148Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 212 page
background image
UL 60950 3rd Edition (formerly UL 1950, 3rd edition)
http://www.teccor.com
4 - 20
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
Overvoltage Flowchart
The overvoltage flowchart in Figure 4.5 shows specific guidelines for determining
overvoltage requirements applicable to specific designs.
Figure 4.5 Overvoltage Flowchart
No
No
No
No
No
Yes
100 A2-S
Limiting1
No Overvoltage Testing
Connects to Outside Cable
Yes
Yes
1.3 A
Limiting2
26 AWG
Line Cord3
Yes
Pass 1
Yes
Pass 6.1.24
Fire Enclosure
and Spacings5
Yes
Yes
Acceptable
Fire
Enclosure
No
No
Yes
Pass 5
Pass 26
Pass 3, 47
Yes
No
No
No
Yes
Not
Acceptable
Notes:
1. Current Limiting — Equipment that has a method for limiting current to an I2t rating of 100A2s
2. Current Limiting — Equipment that has a method for limiting current to 1.3 A max steady state
3. 26 AWG Line Cord — Minimum 26 American Wire Gauge (AWG) telecommunications line cord either supplied with the
equipment or described in the safety instructions
4. Clause 6.3.3 — The telephone line must be adequately isolated from earth for the operating mode being considered and
at a voltage of 120 V rms. Refer to Section 6.1.2 of UL 60950.
5. Fire Enclosure and Spacing — Fire enclosures minimize fire hazards by containing any emission of flame, molten metal,
flaming drops, or glowing particles that could be emitted by the equipment under fault conditions. Fire enclosure
construction is covered in Section 4.4.6 of UL 60950. Spacing applies to parts in the TNV circuits that might ignite under
overvoltage conditions. Spacing requirements mandate that parts be separated from internal materials of flammability
class V-2 or lower, by at least 25 mm of air or a barrier material of flammability class V-1 or better. Parts also should be
separated from openings in the top or sides of the enclosure by at least 25 mm of air or a material barrier.
6. Test Condition 2 is not required for equipment with 1.3 A limiting.
7. Test Conditions 3 and 4 are not required for connections limited to outside cable less than 1,000 m.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com