Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3602ACMC Datasheet(PDF) 147 Page - Teccor Electronics

Part # P3602ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3602ACMC Datasheet(HTML) 147 Page - Teccor Electronics

Back Button P3602ACMC Datasheet HTML 143Page - Teccor Electronics P3602ACMC Datasheet HTML 144Page - Teccor Electronics P3602ACMC Datasheet HTML 145Page - Teccor Electronics P3602ACMC Datasheet HTML 146Page - Teccor Electronics P3602ACMC Datasheet HTML 147Page - Teccor Electronics P3602ACMC Datasheet HTML 148Page - Teccor Electronics P3602ACMC Datasheet HTML 149Page - Teccor Electronics P3602ACMC Datasheet HTML 150Page - Teccor Electronics P3602ACMC Datasheet HTML 151Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 212 page
background image
UL 60950 3rd Edition (formerly UL 1950, 3rd edition)
© 2002 Teccor Electronics
4 - 23
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
Note: Test conditions 2, 3, and 4 do not require the use of a wiring simulator or a secondary
protector simulator. Any secondary protection simulators used in Tests 1 and 5
should be similar to the test fuse used in UL 497A, “Standard for Secondary
Protectors for Communications Circuits.”
Overvoltage Test Compliance
Equipment is deemed compliant if each of the following conditions are met during test:
• Absence of ignition or charring of the cheesecloth indicator
(Charring is deemed to have occurred when the threads are reduced to char by a
glowing or flaming condition.)
• Wiring simulator does not open during test condition 1 or 5
• For test condition 1, presented in Table 4.17, the integral I2t measured with a current
probe is less than 100 A2s
.
After completion of the overvoltage tests, equipment must comply with either the Dielectric
Voltage-withstand Test requirements with all components in place or the Leakage Current
Test requirements.
Special Considerations Regarding the SIDACtor Device and UL 60950
The epoxy used for SIDACtor devices is UL recognized and the encapsulated body passes
UL 94V-0 requirements for flammability.
The only specific requirements of UL 60950 that pertain to the SIDACtor device itself are
the impulse test and the mandate that components be UL recognized. All other UL 60950
requirements pertain to the equipment being evaluated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com