Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3602ACMC Datasheet(PDF) 151 Page - Teccor Electronics

Part # P3602ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3602ACMC Datasheet(HTML) 151 Page - Teccor Electronics

Back Button P3602ACMC Datasheet HTML 147Page - Teccor Electronics P3602ACMC Datasheet HTML 148Page - Teccor Electronics P3602ACMC Datasheet HTML 149Page - Teccor Electronics P3602ACMC Datasheet HTML 150Page - Teccor Electronics P3602ACMC Datasheet HTML 151Page - Teccor Electronics P3602ACMC Datasheet HTML 152Page - Teccor Electronics P3602ACMC Datasheet HTML 153Page - Teccor Electronics P3602ACMC Datasheet HTML 154Page - Teccor Electronics P3602ACMC Datasheet HTML 155Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 212 page
background image
UL 497A
© 2002 Teccor Electronics
4 - 27
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
UL 497A
UL 497A addresses secondary protectors for use in single or multiple pair-type
communication circuits intended to be installed in accordance with Article 800 of the
National Electric Code and to have an operating voltage of less than 150 V rms with respect
to Ground. The purpose of UL 497A is to help reduce the risk of fire, electric shock, or injury
resulting from the deployment and use of these protectors. UL 497A requirements do not
cover telephone equipment or key systems.
UL 497A Construction, Risk of Injury, and Performance Requirements
The “Construction” section covers the following requirements:
• General
• Product Assembly
• Enclosures
• Internal Material
• Accessibility and Electric Shock
• Protection Against Corrosion
• Cords
• Current-carrying Parts
• Internal Wiring
• Interconnecting Cords and Cables
• Insulating Material
• Printed Wiring
• Spacing
The “Risk of Injury” section covers the following requirements:
• Modular Jacks
• Sharp Edges
• Stability
• Protection of Service Personnel
The “Performance” section covers the following requirements:
• General
• Impulse Voltage Measurement
• Overvoltage Test
• Endurance Conditioning
• Component Temperature Test
• Drop Test
• Crush Test
• Leakage Current Test
• Dielectric Voltage-withstand Test
• Rain Test
• Maximum Moment Measurement Test
• Weather-o-meter and Micro Tensile Strength Test
• Thermal Aging and Flame Test
• Electric Shock Current Test
• Manufacturing and Production Line Test
• Marking, Installation, and Instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com