Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3602ACMC Datasheet(PDF) 154 Page - Teccor Electronics

Part # P3602ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P3602ACMC Datasheet(HTML) 154 Page - Teccor Electronics

Back Button P3602ACMC Datasheet HTML 150Page - Teccor Electronics P3602ACMC Datasheet HTML 151Page - Teccor Electronics P3602ACMC Datasheet HTML 152Page - Teccor Electronics P3602ACMC Datasheet HTML 153Page - Teccor Electronics P3602ACMC Datasheet HTML 154Page - Teccor Electronics P3602ACMC Datasheet HTML 155Page - Teccor Electronics P3602ACMC Datasheet HTML 156Page - Teccor Electronics P3602ACMC Datasheet HTML 157Page - Teccor Electronics P3602ACMC Datasheet HTML 158Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 212 page
background image
UL 497B
http://www.teccor.com
4 - 30
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
UL 497B
UL 497B provides requirements for protectors used in communication and fire alarm
circuits. This standard does not cover devices for primary protection or protection devices
used on telephone lines. SIDACtor devices are components recognized in accordance with
UL 497B under UL file number E133083.
Construction and Performance Requirements
The “Construction” section covers the following requirements:
• General
• Corrosion Protection
• Field-wiring Connections
• Components
• Spacing
• Fuses
The “Performance” section covers the following requirements:
• General
• Strike Voltage Breakdown
• Endurance Conditioning
• Temperature Test
• Dielectric Voltage-withstand Test
• Vibration Conditioning
• Jarring Test
• Discharge Test
• Repeated Discharge Test
• Polymeric Materials Test
• High Temperature Test
• Marking
Performance Requirements Specific to SIDACtor Devices
1. Strike Voltage Breakdown Test — Protectors are required to break down within the
manufacturer’s specified breakdown range or within 10% of a nominal single breakdown
voltage rating. (Figure 4.12)
2. Endurance Conditioning — Protectors are subjected to 50 impulse cycles. Each cycle is
a 1000 V peak, 10 A, 10x1000 µs pulse. Pulses are applied in one polarity at 10-second
intervals and then repeated in the opposite polarity.
3. Variable Ambient Conditioning — Protectors must comply with the strike voltage
requirements after being subjected to an ambient temperature of 0 °C for four hours and
again after being subjected to an ambient temperature of 49 °C for an additional four
hours.
4. Discharge Test — Protectors must comply with strike voltage requirements after being
subjected to five successive discharges from a 2 µF capacitor charged to 1000 V dc.
(Figure 4.13)
5. Repeated Discharge Test — Protectors must not break down at a voltage higher than the
manufacturer’s maximum rated breakdown voltage nor lower than rated stand-off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com