Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F104FHD Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # R5F104FHD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104FHD Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button R5F104FHD Datasheet HTML 121Page - Renesas Technology Corp R5F104FHD Datasheet HTML 122Page - Renesas Technology Corp R5F104FHD Datasheet HTML 123Page - Renesas Technology Corp R5F104FHD Datasheet HTML 124Page - Renesas Technology Corp R5F104FHD Datasheet HTML 125Page - Renesas Technology Corp R5F104FHD Datasheet HTML 126Page - Renesas Technology Corp R5F104FHD Datasheet HTML 127Page - Renesas Technology Corp R5F104FHD Datasheet HTML 128Page - Renesas Technology Corp R5F104FHD Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 213 page
background image
RL78/G14
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105
°C)
R01DS0053EJ0330 Rev. 3.30
Page 125 of 208
Aug 12, 2016
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA =
-40 to +105
°C)
This chapter describes the following electrical specifications.
Target products G: Industrial applications TA = -40 to +105°C
R5F104xxGxx
Caution 1. The RL78 microcontrollers have an on-chip debug function, which is provided for development and
evaluation. Do not use the on-chip debug function in products designated for mass production,
because the guaranteed number of rewritable times of the flash memory may be exceeded when this
function is used, and product reliability therefore cannot be guaranteed. Renesas Electronics is not
liable for problems occurring when the on-chip debug function is used.
Caution 2. With products not provided with an EVDD0, EVDD1, EVSS0, or EVSS1 pin, replace EVDD0 and EVDD1 with
VDD, or replace EVSS0 and EVSS1 with VSS.
Caution 3. The pins mounted depend on the product. Refer to 2.1 Port Functions to 2.2.1 Functions for each
product in the RL78/G14 User’s Manual.
Caution 4. Please contact Renesas Electronics sales office for derating of operation under TA = +85 to +105°C.
Derating is the systematic reduction of load for the sake of improved reliability.
Remark
When RL78/G14 is used in the range of TA = -40 to +85°C, see 2. ELECTRICAL SPECIFICATIONS (TA = -
40 to +85°C)
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com