Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F104FHD Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # R5F104FHD
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104FHD Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button R5F104FHD Datasheet HTML 123Page - Renesas Technology Corp R5F104FHD Datasheet HTML 124Page - Renesas Technology Corp R5F104FHD Datasheet HTML 125Page - Renesas Technology Corp R5F104FHD Datasheet HTML 126Page - Renesas Technology Corp R5F104FHD Datasheet HTML 127Page - Renesas Technology Corp R5F104FHD Datasheet HTML 128Page - Renesas Technology Corp R5F104FHD Datasheet HTML 129Page - Renesas Technology Corp R5F104FHD Datasheet HTML 130Page - Renesas Technology Corp R5F104FHD Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 213 page
background image
RL78/G14
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105
°C)
R01DS0053EJ0330 Rev. 3.30
Page 127 of 208
Aug 12, 2016
3.1
Absolute Maximum Ratings
Note 1.
Connect the REGC pin to VSS via a capacitor (0.47 to 1
μF). This value regulates the absolute maximum rating of the
REGC pin. Do not use this pin with voltage applied to it.
Note 2.
Must be 6.5 V or lower.
Note 3.
Do not exceed AVREF (+) + 0.3 V in case of A/D conversion target pin.
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any parameter.
That is, the absolute maximum ratings are rated values at which the product is on the verge of suffering physical
damage, and therefore the product must be used under conditions that ensure that the absolute maximum
ratings are not exceeded.
Remark 1.
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the port pins.
Remark 2.
AVREF (+): + side reference voltage of the A/D converter.
Remark 3.
VSS: Reference voltage
Absolute Maximum Ratings
(1/2)
Parameter
Symbols
Conditions
Ratings
Unit
Supply voltage
VDD
-0.5 to +6.5
V
EVDD0, EVDD1 EVDD0 = EVDD1
-0.5 to +6.5
V
EVSS0, EVSS1 EVSS0 = EVSS1
-0.5 to +0.3
V
REGC pin input voltage
VIREGC
REGC
-0.3 to +2.8
and -0.3 to VDD +0.3 Note 1
V
Input voltage
VI1
P00 to P06, P10 to P17, P30, P31,
P40 to P47, P50 to P57, P64 to P67,
P70 to P77, P80 to P87, P100 to P102,
P110, P111, P120, P140 to P147
-0.3 to EVDD0 +0.3
and -0.3 to VDD +0.3 Note 2
V
VI2
P60 to P63 (N-ch open-drain)
-0.3 to +6.5
V
VI3
P20 to P27, P121 to P124, P137,
P150 to P156, EXCLK, EXCLKS, RESET
-0.3 to VDD +0.3 Note 2
V
Output voltage
VO1
P00 to P06, P10 to P17, P30, P31,
P40 to P47, P50 to P57, P60 to P67,
P70 to P77, P80 to P87, P100 to P102,
P110, P111, P120, P130, P140 to P147
-0.3 to EVDD0 +0.3
and -0.3 to VDD +0.3 Note 2
V
VO2
P20 to P27, P150 to P156
-0.3 to VDD +0.3 Note 2
V
Analog input voltage
VAI1
ANI16 to ANI20
-0.3 to EVDD0 +0.3
and -0.3 to AVREF(+) +0.3 Notes 2, 3
V
VAI2
ANI0 to ANI14
-0.3 to VDD +0.3
and -0.3 to AVREF(+) +0.3 Notes 2, 3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com