Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7457EC Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MPC7457EC
Description  RISC Microprocessor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457EC Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MPC7457EC Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 5
Freescale Semiconductor
25
Electrical and Thermal Characteristics
Table 13. L3 Bus Interface AC Timing Specifications for MSUG2
At recommended operating conditions. See Table 4.
Parameter
Symbol
Device Revision (L3 I/O Voltage) 9
Unit
Notes
Rev 1.1. (All I/O Modes)
Rev 1.2 (1.5-V I/O Mode)
Rev 1.2
(1.8-, 2.5-V I/O Modes)
Min
Max
Min
Max
L3_CLK rise and fall time
tL3CR, tL3CF
—
0.75
—
0.75
ns
1
Setup times: Data and parity
tL3DVEH,
tL3DVEL
(– tL3CLK/4)
+ 0.90
—
(– tL3CLK/4)
+ 0.70
—
ns
2, 3, 4
Input hold times: Data and parity
tL3DXEH,
tL3DXEL
(tL3CLK/4)
+ 0.85
—
(tL3CLK/4)
+ 0.70
—
ns
2, 4
Valid times: Data and parity
tL3CHDV,
tL3CLDV
—
(– tL3CLK/4)
+ 0.60
—
(– tL3CLK/4)
+ 0.50
ns
5, 6,
7, 8
Valid times: All other outputs
tL3CHOV
—
(tL3CLK/4)
+ 0.65
—
(tL3CLK/4)
+ 0.65
ns
5, 7, 8
Output hold times: Data and parity
tL3CHDX,
tL3CLDX,
(tL3CLK/4)
– 0.60
—
(tL3CLK/4)
– 0.50
—
ns
5, 6,
7, 8
Output hold times: All other outputs
tL3CHOX
(tL3CLK/4)
– 0.50
—
(tL3CLK/4)
– 0.50
—
ns
5, 7, 8
L3_CLK to high impedance: Data
and parity
tL3CLDZ
—
(– tL3CLK/4)
+ 0.60
—
(– tL3CLK/4)
+ 0.60
ns
L3_CLK to high impedance: All
other outputs
tL3CHOZ
—
(tL3CLK/4)
+ 0.65
—
(tL3CLK/4)
+ 0.65
ns
Notes:
1.
Rise and fall times for the L3_CLK output are measured from 20% to 80% of GVDD.
2.
For DDR, all input specifications are measured from the midpoint of the signal in question to the midpoint voltage of the
rising or falling edge of the input L3_ECHO_CLKn (see Figure 10). Input timings are measured at the pins.
3.
For DDR, the input data will typically follow the edge of L3_ECHO_CLKn as shown in Figure 10. For consistency with other
input setup time specifications, this will be treated as negative input setup time.
4.
tL3_CLK/4 is one-fourth the period of L3_CLKn. This parameter indicates that the MPC7457 can latch an input signal that is
valid for only a short time before and a short time after the midpoint between the rising and falling (or falling and rising)
edges of L3_ECHO_CLKn at any frequency.
5.
All output specifications are measured from the midpoint voltage of the rising (or for DDR write data, also the falling) edge
of L3_CLK to the midpoint of the signal in question. The output timings are measured at the pins. All output timings assume
a purely resistive 50-
Ω load (see Figure 8).
6.
For DDR, the output data will typically lead the edge of L3_CLKn as shown in Figure 10. For consistency with other output
valid time specifications, this will be treated as negative output valid time.
7.
tL3_CLK/4 is one-fourth the period of L3_CLKn. This parameter indicates that the specified output signal is actually launched
by an internal clock delayed in phase by 90°. Therefore, there is a frequency component to the output valid and output hold
times such that the specified output signal will be valid for approximately one L3_CLK period starting three-fourths of a clock
before the edge on which the SRAM will sample it and ending one-fourth of a clock period after the edge it will be sampled.
8.
Assumes default value of L3OHCR. See Section 5.2.4.1, “Effects of L3OHCR Settings on L3 Bus AC Specifications,” for
more information.
9.
L3 I/O voltage mode must be configured by L3VSEL as described in Table 3, and voltage supplied at GVDD must match
mode selected as specified in Table 4. See Table 23 for revision level information and part marking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com