Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7457EC Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MPC7457EC
Description  RISC Microprocessor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457EC Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MPC7457EC Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 5
Freescale Semiconductor
45
Package Description
Figure 22. Mechanical Dimensions and Bottom Surface Nomenclature for the MPC7457,
483 CBGA Package
0.2
2X
NOTES:
1. DIMENSIONING AND
TOLERANCING
PER ASME Y14.5M, 1994.
2. DIMENSIONS IN
MILLIMETERS.
3. TOP SIDE A1 CORNER
INDEX IS A METALIZED
FEATURE WITH VARIOUS
SHAPES. BOTTOM SIDE.
A1 CORNER IS
DESIGNATED WITH A BALL
MISSING FROM THE
ARRAY.
D
A1 CORNER
E
e
0.2
2X
C
B
1 23456789 10 11 1213141516
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
A
A1
A2
A
0.15 A
171819
U
W
V
Millimeters
DIM
MIN
MAX
A
2.72
3.20
A1
0.80
1.00
A2
1.10
1.30
A3
--
0.60
b
0.82
0.93
D
29.00 BSC
D1
—
12.5
D2
8.5
—
D3
—
8.4
D4
10.9
11.1
e
1.27 BSC
E
29.00 BSC
E1
—
12.5
E2
8.5
—
E3
—
8.4
E4
9.55
9.75
C
A
483X
B
0.3
A
0.15
b
2021 22
Y
AA
AB
Capacitor Region
D1
D3
E1
E3
D2
E2
A3
D4
E4
0.35 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com