Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7457EC Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # MPC7457EC
Description  RISC Microprocessor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457EC Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MPC7457EC Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 68 page
background image
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 5
44
Freescale Semiconductor
Package Description
8.4
Package Parameters for the MPC7457, 483 CBGA
The package parameters are as provided in the following list. The package type is 29 × 29 mm, 483-lead ceramic
ball grid array (CBGA).
Package outline
29 × 29 mm
Interconnects
483 (22 × 22 ball array – 1)
Pitch
1.27 mm (50 mil)
Minimum module height
—
Maximum module height
3.22 mm
Ball diameter
0.89 mm (35 mil)
8.5
Mechanical Dimensions for the MPC7457, 483 CBGA
Figure 22 provides the mechanical dimensions and bottom surface nomenclature for the MPC7457, 483 CBGA
package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com