Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7457EC Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MPC7457EC
Description  RISC Microprocessor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457EC Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MPC7457EC Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 68 page
background image
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 5
Freescale Semiconductor
63
Part Numbering and Marking
11
Part Numbering and Marking
Ordering information for the parts fully covered by this specification document is provided in Section 11.1, “Part
Numbers Fully Addressed by This Document.” Note that the individual part numbers correspond to a maximum
processor core frequency. For available frequencies, contact your local Freescale sales office. In addition to the
processor frequency, the part numbering scheme also includes an application modifier which may specify special
application conditions. Each part number also contains a revision level code which refers to the die mask revision
number. Section 11.2, “Part Numbers Not Fully Addressed by This Document,” lists the part numbers which do not
fully conform to the specifications of this document. These special part numbers require an additional document
called a referred to as a hardware specification addendum.
11.1 Part Numbers Fully Addressed by This Document
Table 23 provides the Freescale part numbering nomenclature for the MPC7457.
1
Removed support for 1.5 V L3 interface voltage from Tables 3 and 4. 1.5 V I/O voltage is not
supported in current MPC7457 devices.
Added package thermal characteristics values to Table 5, made minor revisions to Section 1.9.8.
Added preliminary AC timing values to Tables 10 and 12.
Added footnotes to Table 17.
0
Initial release.
Table 23. Part Numbering Nomenclature
MC
74x7
RX
nnnn
L
x
Product
Code
Part
Identifier
Package
Processor
Frequency 1
Application
Modifier
Revision Level
PPC 2
MC
7457
7447
RX = CBGA
867
1000
1200
1267
L: 1.3 V ± 50 mV
0
° to 105°C
B: 1.1; PVR = 8002 0101
MC
7457
867
1000
1200
1267
C: 1.2; PVR = 8002 0102
Notes:
1. Processor core frequencies supported by parts addressed by this specification only. Parts addressed by a
hardware specification addendum may support other maximum core frequencies.
2. The P prefix in a Freescale part number designates a “Pilot Production Prototype” as defined by Freescale SOP
3-13. These parts have only preliminary reliability and characterization data. Before pilot production prototypes may
be shipped, written authorization from the customer must be on file in the applicable sales office acknowledging
the qualification status and the fact that product changes may still occur while shipping pilot production prototypes.
Table 22. Document Revision History (continued)
Revision
Number
Date
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com