Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7457EC Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # MPC7457EC
Description  RISC Microprocessor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457EC Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MPC7457EC Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 5
52
Freescale Semiconductor
System Design Information
9.5
Output Buffer DC Impedance
The MPC7457 processor bus and L3 I/O drivers are characterized over process, voltage, and temperature. To
measure Z0, an external resistor is connected from the chip pad to OVDD or GND. Then, the value of each resistor
is varied until the pad voltage is OVDD/2 (see Figure 23).
The output impedance is the average of two components, the resistances of the pull-up and pull-down devices. When
data is held low, SW2 is closed (SW1 is open), and RN is trimmed until the voltage at the pad equals OVDD/2. RN
then becomes the resistance of the pull-down devices. When data is held high, SW1 is closed (SW2 is open), and
RP is trimmed until the voltage at the pad equals OVDD/2. RP then becomes the resistance of the pull-up devices. RP
and RN are designed to be close to each other in value. Then, Z0 = (RP + RN)/2.
Figure 25. Driver Impedance Measurement
Table 21 summarizes the signal impedance results. The impedance increases with junction temperature and is
relatively unaffected by bus voltage.
9.6
Pull-Up/Pull-Down Resistor Requirements
The MPC7457 requires high-resistive (weak: 4.7-kΩ) pull-up resistors on several control pins of the bus interface to
maintain the control signals in the negated state after they have been actively negated and released by the MPC7457
or other bus masters. These pins are: TS, ARTRY, SHDO, and SHD1.
Some pins designated as being for factory test must be pulled up to OVDD or down to GND to ensure proper device
operation. For the MPC7447, 360 BGA, the pins that must be pulled up to OVDD are: LSSD_MODE and TEST[0:3];
the pins that must be pulled down to GND are: L1_TSTCLK and TEST[4]. For the MPC7457, 483 BGA, the pins
that must be pulled up to OVDD are: LSSD_MODE and TEST[0:5]; the pins that must be pulled down are:
Table 21. Impedance Characteristics
VDD = 1.5 V, OVDD = 1.8 V ± 5%, Tj = 5°–85°C
Impedance
Processor Bus
L3 Bus
Unit
Z0
Typical
33–42
34–42
Ω
Maximum
31–51
32–44
Ω
OVDD
OGND
RP
RN
Pad
Data
SW1
SW2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com