Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7457EC Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # MPC7457EC
Description  RISC Microprocessor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457EC Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button MPC7457EC Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 5
Freescale Semiconductor
29
Electrical and Thermal Characteristics
Figure 11 shows the typical connection diagram for the MPC7457 interfaced to PB2 SRAMs or Late Write SRAMs.
Figure 11. Typical Synchronous 1-MByte L3 Cache Late Write or PB2 Interface
L3_ADDR[16:0]
L3_CNTL[0]
SA[16:0]
K
K
SS
SW
ZZ
G
SRAM 0
DQ[0:17]
DQ[18:36]
L3_CNTL[1]
GVDD/2
1
GND
GND
SRAM 1
GVDD/2
1
GND
GND
{L3_DATA[0:15],
{L3_DATA[16:31],
{L3_DATA[32:47],
L3_CLK[0]
L3_CLK[1]
L3_ECHO_CLK[0]
L3_ECHO_CLK[1]
L3_ECHO_CLK[2]
{L3_DATA[48:63],
L3_DP[0:1]}
L3_DP[2:3]}
L3_DP[4:5]}
L3_DP[6:7]}
Denotes
Receive (SRAM
to MPC7457)
Aligned Signals
MPC7457
Denotes
Transmit
(MPC7457 to
SRAM)
Aligned Signals
L3_ECHO_CLK[3]
SA[16:0]
K
K
SS
SW
ZZ
G
DQ[0:17]
DQ[18:36]
Note:
1. Or as recommended by SRAM manufacturer for single-ended clocking.
Note:
1. Or as recommended by SRAM manufacturer for single-ended clocking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com