Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7457EC Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC7457EC
Description  RISC Microprocessor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457EC Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC7457EC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 5
12
Freescale Semiconductor
Electrical and Thermal Characteristics
Table 4 provides the recommended operating conditions for the MPC7457.
Table 3. Input Threshold Voltage Setting
BVSEL Signal
Processor Bus Input Threshold
is Relative to:
L3VSEL Signal 1
L3 Bus Input Threshold is
Relative to:
Notes
0
1.8 V
0
1.8 V
2, 3
¬HRESET
Not Available
¬HRESET
1.5 V
2, 4
HRESET
2.5 V
HRESET
2.5 V
2
1
2.5 V
1
2.5 V
2
Notes:
1.
Not implemented on MPC7447.
2.
Caution: The input threshold selection must agree with the OVDD/GVDD voltages supplied. See notes in Table 2.
3.
If used, pull-down resistors should be less than 250
Ω.
4.
Applicable to L3 bus interface only. ¬HRESET is the inverse of HRESET.
Table 4. Recommended Operating Conditions 1
Characteristic
Symbol
Recommended Value
Unit
Notes
Min
Max
Core supply voltage
VDD
1.3 V ± 50 mV
V
PLL supply voltage
AVDD
1.3 V ± 50 mV
V
2
Processor bus supply voltage
BVSEL = 0
OVDD
1.8 V ± 5%
V
BVSEL = HRESET or OVDD
OVDD
2.5 V ± 5%
V
L3 bus supply voltage
L3VSEL = 0
GVDD
1.8 V ± 5%
V
L3VSEL = HRESET or GVDD
GVDD
2.5 V ± 5%
V
L3VSEL = ¬HRESET
GVDD
1.5 V ± 5%
V
3
Input voltage
Processor bus
Vin
GND
OVDD
V
L3 bus
Vin
GND
GVDD
V
JTAG signals
Vin
GND
OVDD
V
Die-junction temperature
Tj
0
105
°C
Notes:
1.
These are the recommended and tested operating conditions. Proper device operation outside of these conditions is not
guaranteed.
2.
This voltage is the input to the filter discussed in Section 9.2, “PLL Power Supply Filtering,” and not necessarily the voltage
at the AVDD pin, which may be reduced from VDD by the filter.
3.
¬HRESET is the inverse of HRESET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com