Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7457EC Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MPC7457EC
Description  RISC Microprocessor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457EC Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MPC7457EC Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 68 page
background image
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 5
48
Freescale Semiconductor
System Design Information
01110
9.5x
2x
633
(1266)
712
(1524)
789
(1578)
950
(1900)
1264
(2528)
10101
10x
2x
667
(1333)
750
(1500)
830
(1660)
1000
(2000)
10001
10.5x
2x
700
(1400)
938
(1876)
872
(1744)
1050
(2100)
10011
11x
2x
733
(1466)
825
(1650)
913
(1826)
1100
(2200)
00000
11.5x
2x
766
(532)
863
(1726)
955
(1910)
1150
(2300)
10111
12x
2x
600
(1200)
800
(1600)
900
(1800)
996
(1992)
1200
(2400)
11111
12.5x
2x
600
(1200)
833
(1666)
938
(1876)
1038
(2076)
1250
(2500)
01011
13x
2x
650
(1300)
865
(1730)
975
(1950)
1079
(2158)
11100
13.5x
2x
675
(1350)
900
(1800)
1013
(2026)
1121
(2242)
11001
14x
2x
700
(1400)
933
(1866)
1050
(2100)
1162
(2324)
00011
15x
2x
750
(1500)
1000
(2000)
1125
(2250)
1245
(2490)
11011
16x
2x
800
(1600)
1066
(2132)
1200
(2400)
00001
17x
2x
850
(1900)
1132
(2264)
00101
18x
2x
600
(1200)
900
(1800)
1200
(2400)
00111
20x
2x
667
(1334)
1000
(2000)
01001
21x
2x
700
(1400)
1050
(2100)
01101
24x
2x
800
(1600)
1200
(2400)
11101
28x
2x
933
(1866)
00110
PLL bypass
PLL off, SYSCLK clocks core circuitry directly
Table 18. MPC7457 Microprocessor PLL Configuration Example for 1267 MHz Parts (continued)
PLL_CFG[0:4]
Bus-to-
Core
Multiplier
Core-to-
VCO
Multiplier
Example Bus-to-Core Frequency in MHz (VCO Frequency in MHz)
Bus (SYSCLK) Frequency
33.3
MHz
50
MHz
66.6
MHz
75
MHz
83
MHz
100
MHz
133
MHz
167
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com