Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7457EC Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC7457EC
Description  RISC Microprocessor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457EC Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC7457EC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 5
Freescale Semiconductor
11
Electrical and Thermal Characteristics
Figure 2 shows the undershoot and overshoot voltage on the MPC7457.
Figure 2. Overshoot/Undershoot Voltage
The MPC7457 provides several I/O voltages to support both compatibility with existing systems and migration to
future systems. The MPC7457 core voltage must always be provided at nominal 1.3 V (see Table 4 for actual
recommended core voltage). Voltage to the L3 I/Os and processor interface I/Os are provided through separate sets
of supply pins and may be provided at the voltages shown in Table 3. The input voltage threshold for each bus is
selected by sampling the state of the voltage select pins at the negation of the signal HRESET. The output voltage
will swing from GND to the maximum voltage applied to the OVDD or GVDD power pins.
Storage temperature range
Tstg
–55 to 150
°C
Notes:
1.
Functional and tested operating conditions are given in Table 4. Absolute maximum ratings are stress ratings only, and
functional operation at the maximums is not guaranteed. Stresses beyond those listed may affect device reliability or cause
permanent damage to the device.
2.
Caution: VDD/AVDD must not exceed OVDD/GVDD by more than 1.0 V during normal operation; this limit may be exceeded
for a maximum of 20 ms during power-on reset and power-down sequences.
3.
Caution: OVDD/GVDD must not exceed VDD/AVDD by more than 2.0 V during normal operation; this limit may be exceeded
for a maximum of 20 ms during power-on reset and power-down sequences.
4.
BVSEL must be set to 0, such that the bus is in 1.8-V mode.
5.
BVSEL must be set to HRESET or 1, such that the bus is in 2.5-V mode.
6.
L3VSEL must be set to ¬HRESET (inverse of HRESET), such that the bus is in 1.5-V mode.
7.
L3VSEL must be set to 0, such that the bus is in 1.8-V mode.
8.
L3VSEL must be set to HRESET or 1, such that the bus is in 2.5-V mode.
9.
Caution: Vin must not exceed OVDD or GVDD by more than 0.3 V at any time including during power-on reset.
10. Vin may overshoot/undershoot to a voltage and for a maximum duration as shown in Figure 2.
Table 2. Absolute Maximum Ratings 1 (continued)
Characteristic
Symbol
Maximum Value
Unit
Notes
VIH
GND
GND – 0.3 V
GND – 0.7 V
Not to exceed 10%
OVDD/GVDD + 20%
VIL
OVDD/GVDD
OVDD/GVDD + 5%
of tSYSCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com