Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7457EC Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPC7457EC
Description  RISC Microprocessor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457EC Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPC7457EC Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 5
16
Freescale Semiconductor
Electrical and Thermal Characteristics
Figure 3 provides the SYSCLK input timing diagram.
Figure 3. SYSCLK Input Timing Diagram
5.2.2
Processor Bus AC Specifications
Table 9 provides the processor bus AC timing specifications for the MPC7457 as defined in Figure 4 and Figure 5.
Timing specifications for the L3 bus are provided in Section 5.2.3, “L3 Clock AC Specifications.”
SYSCLK cycle time
tSYSCLK
6.0
30
6.0
30
6.0
30
6.0
30
ns
2
SYSCLK rise and fall time
tKR, tKF
—
1.0
—
1.0
—
1.0
—
1.0
ns
3
SYSCLK duty cycle measured
at OVDD/2
tKHKL/
tSYSCLK
40
60
40
60
40
60
40
60
%
4
SYSCLK cycle-to-cycle jitter
—
150
—
150
—
150
—
150
ps
5, 6
Internal PLL relock time
—
100
—
100
—
100
—
100
µs
7
Notes:
1.
Caution: The SYSCLK frequency and PLL_CFG[0:4] settings must be chosen such that the resulting SYSCLK (bus)
frequency, CPU (core) frequency, and PLL (VCO) frequency do not exceed their respective maximum or minimum operating
frequencies. Refer to the PLL_CFG[0:4] signal description in Section 1.9.1, “PLL Configuration,” for valid PLL_CFG[0:4]
settings.
2.
Assumes lightly-loaded, single-processor system; see Section 5.2.1, “Clock AC Specifications” for more information.
3.
Rise and fall times for the SYSCLK input measured from 0.4 to 1.4 V.
4.
Timing is guaranteed by design and characterization.
5.
Guaranteed by design.
6.
The SYSCLK driver’s closed loop jitter bandwidth should be less than 1.5 MHz at –3 dB.
7.
Relock timing is guaranteed by design and characterization. PLL-relock time is the maximum amount of time required for
PLL lock after a stable VDD and SYSCLK are reached during the power-on reset sequence. This specification also applies
when the PLL has been disabled and subsequently re-enabled during sleep mode. Also note that HRESET must be held
asserted for a minimum of 255 bus clocks after the PLL-relock time during the power-on reset sequence.
Table 8. Clock AC Timing Specifications (continued)
At recommended operating conditions. See Table 4.
Characteristic
Symbol
Maximum Processor Core Frequency
Unit
Notes
867 MHz
1000 MHz
1200 MHz
1267 MHz
Min
Max
Min
Max
Min
Max
Min
Max
SYSCLK
VM
VM
VM
CVIH
CVIL
VM = Midpoint Voltage (OVDD/2)
tSYSCLK
tKR
tKF
tKHKL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com