Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7457EC Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MPC7457EC
Description  RISC Microprocessor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457EC Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MPC7457EC Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 5
Freescale Semiconductor
23
Electrical and Thermal Characteristics
5.2.4.1
Effects of L3OHCR Settings on L3 Bus AC Specifications
The AC timing of the L3 interface can be adjusted using the L3 Output Hold Control Register (L3OCHR). Each
field controls the timing for a group of signals. The AC timing specifications presented herein represent the AC
timing when the register contains the default value of 0x0000_0000. Incrementing a field delays the associated
signals, increasing the output valid time and hold time of the affected signals. In the special case of delaying an
L3_CLK signal, the net effect is to decrease the output valid and output hold times of all signals being latched
relative to that clock signal. The amount of delay added is summarized in Table 12. Note that these settings affect
output timing parameters only and do not impact input timing parameters of the L3 bus in any way.
Table 11. Sample Points Calculation Parameters
Parameter
Symbol
Max
Unit
Notes
Delay from processor clock to internal_L3_CLK
tAC
3/4
tL3_CLK
1
Delay from internal_L3_CLK to L3_CLK[n] output pins
tCO
3
ns
2
Delay from L3_ECHO_CLK[n] to receive latch
tECI
3
ns
3
Notes:
1. This specification describes a logical offset between the internal clock edge used to launch the L3 address and control
signals (this clock edge is phase-aligned with the processor clock edge) and the internal clock edge used to launch the
L3_CLK[n] signals. With proper board routing, this offset ensures that the L3_CLK[n] edge will arrive at the SRAM within a
valid address window and provide adequate setup and hold time. This offset is reflected in the L3 bus interface AC timing
specifications, but must also be separately accounted for in the calculation of sample points and, thus, is specified here.
2. This specification is the delay from a rising or falling edge on the internal_L3_CLK signal to the corresponding rising or falling
edge at the L3CLK[n] pins.
3. This specification is the delay from a rising or falling edge of L3_ECHO_CLK[n] to data valid and ready to be sampled from
the FIFO.
Table 12. Effect of L3OHCR Settings on L3 Bus AC Timing
At recommended operating conditions. See Table 4.
Field Name1
Affected Signals
Value
Output Valid Time
Output Hold Time
Unit
Notes
Parameter
Symbol 2
Change 3
Parameter
Symbol 2
Change 3
L3AOH
L3_ADDR[18:0],
L3_CNTL[0:1]
0b00
tL3CHOV
0
tL3CHOX
0
ps
4
0b01
+50
+50
0b10
+100
+100
0b11
+150
+150
L3CLKn_OH
All signals latched by
SRAM connected to
L3_CLKn
0b000
tL3CHOV,
tL3CHDV,
tL3CLDV
0
tL3CHOX,
tL3CHDX,
tL3CLDX,
0
ps
4
0b001
– 50
– 50
5
0b010
– 100
– 100
5
0b011
– 150
– 150
5
0b100
– 200
– 200
5
0b101
– 250
– 250
5
0b110
– 300
– 300
5
0b111
– 350
– 350
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com