Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7457EC Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MPC7457EC
Description  RISC Microprocessor Hardware Specifications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC7457EC Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC7457EC Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC7457EC Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 68 page
background image
MPC7457 RISC Microprocessor Hardware Specifications, Rev. 5
Freescale Semiconductor
57
System Design Information
Wakefield Engineering
603-635-5102
33 Bridge St.
Pelham, NH 03076
Internet: www.wakefield.com
Ultimately, the final selection of an appropriate heat sink depends on many factors, such as thermal performance at
a given air velocity, spatial volume, mass, attachment method, assembly, and cost.
9.8.1
Internal Package Conduction Resistance
For the exposed-die packaging technology, shown in Table 3, the intrinsic conduction thermal resistance paths are
as follows:
•
The die junction-to-case (actually top-of-die since silicon die is exposed) thermal resistance
•
The die junction-to-ball thermal resistance
Figure 26 depicts the primary heat transfer path for a package with an attached heat sink mounted to a printed-circuit
board.
Figure 28. C4 Package with Heat Sink Mounted to a Printed-Circuit Board
Heat generated on the active side of the chip is conducted through the silicon, through the heat sink attach material
(or thermal interface material), and finally to the heat sink where it is removed by forced-air convection.
Because the silicon thermal resistance is quite small, for a first-order analysis, the temperature drop in the silicon
may be neglected. Thus, the thermal interface material and the heat sink conduction/convective thermal resistances
are the dominant terms.
9.8.2
Thermal Interface Materials
A thermal interface material is recommended at the package lid-to-heat sink interface to minimize the thermal
contact resistance. For those applications where the heat sink is attached by spring clip mechanism, Figure 27 shows
the thermal performance of three thin-sheet thermal-interface materials (silicone, graphite/oil, floroether oil), a bare
joint, and a joint with thermal grease as a function of contact pressure. As shown, the performance of these thermal
interface materials improves with increasing contact pressure. The use of thermal grease significantly reduces the
External Resistance
External Resistance
Internal Resistance
Radiation
Convection
Radiation
Convection
Heat Sink
Printed-Circuit Board
Thermal Interface Material
Package/Leads
Die Junction
Die/Package
(Note the internal versus external package resistance.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com