Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8602 Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM8602
Description  2.1 CHANNEL PWM CONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8602 Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM8602 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
WM8602
Product Preview
w
PP Rev 1.5 May 2004
8
SIGNAL TIMING REQUIREMENTS
POWER SUPPLY
Test Conditions
AGND, DGND, BGDN = 0V, TA = +25
°C
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Power Supply Timing Information
AVDD: rise time 10% to 90% AVDD
tAR
0.2
50
ms
DVDD: rise time 10% to 90% DVDD
tDR
0.2
50
ms
BVDD: rise time 10% to 90% BVDD
tBR
0.2
50
ms
Table 2 Power Supply Timing Requirements
MASTER CLOCK TIMING
XTI/MCLK
t
MCLKY
Figure 1 Master Clock Timing Requirements
Test Conditions
AVDD, DVDD, BVDD = 3.3V, AGND, DGND, BGDN = 0V, TA = +25
°C
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
System Clock Timing Information
XTI/MCLK System clock cycle time
tMCLKY
20
100
ns
XTI/MCLK Duty cycle
40:60
60:40
%
XTI/MCLK Period Jitter
200
ps
XTI/MCLK Rise/Fall times 10% to 90% AVDD
3
ns
Table 3 Master Clock Timing Requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com