Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8602 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8602
Description  2.1 CHANNEL PWM CONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8602 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8602 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
WM8602
Product Preview
w
PP Rev 1.5 May 2004
4
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
DVDD
Supply
Digital positive supply
2
DIN
Digital Input
L/R channel data input
3
LRCLK
Digital Input/Output
Left/right word clock
4
BCLK
Digital IO
Audio interface bit clock
5
OPDIS
Digital Input p.d.
Output disable
6
MODE
Digital Input p.d.
2/3 Wire control interface mode
7
SCLK
Digital Input
Serial interface clock
8
SDIN
Digital Input/Output
Serial interface data
9
CSB
Digital Input
Serial interface load signal
10
EAPDB
Digital Output
External output stage power down
11
OPSWP
Digital Output
PWM output positive Subwoofer channel
12
BVDD
Supply
PWM output buffer positive supply
13
AGND
Supply
Analogue negative supply
14
CLKPSU
Digital Output
Clock for external PSU
15
BGND
Supply
PWM output buffer ground supply
16
BVDD
Supply
PWM output buffer positive supply
17
OPRN
Digital Output
PWM output negative right channel
18
OPRP
Digital Output
PWM output positive right channel
19
BGND
Supply
PWM output buffer ground supply
20
OPLN
Digital Output
PWM output negative left channel
21
OPLP
Digital Output
PWM output positive left channel
22
BVDD
Supply
PWM output buffer positive supply
23
AVDD
Analogue Supply
Analogue positive supply
24
AGND
Analogue Supply
Analogue negative supply
25
XOP
Digital Output
Crystal oscillator output connection
26
XIN
Digital Input
Crystal oscillator input connection (may be left unconnected in slave
mode)
27
DGND
Supply
Digital negative supply
28
MCLK
Digital Input/Output
Master clock; 256, 384, 512 fs (fs = word clock frequency) or 27MHz
Notes: Digital input pins have Schmitt trigger input buffers. Pins marked ‘p.u.’ or ‘p.d.’ have internal pull-up or pull down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com