Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8602 Datasheet(PDF) 35 Page - Wolfson Microelectronics plc

Part # WM8602
Description  2.1 CHANNEL PWM CONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8602 Datasheet(HTML) 35 Page - Wolfson Microelectronics plc

Back Button WM8602 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 39Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
Product Preview
WM8602
w
PP Rev 1.5 May 2004
35
PCM TO PWM CONVERTER
The PCM to PWM converter converters the Pulse-Code Modulated (PCM) signal into a highly linear
Pulse-Width Modulated (PWM) signal. Table 44 defines the Pulse Repetition Frequency, (PRF),
output clock rate (OBCLK) and minimum pulse width for each supported sampling frequency.
t
PWMP
t
PWMP
t
PWMM
t
PWMM
t
OBCLK
Figure 22 PCM to PWM Converter
The PRF Frequency (TPWMP) of the Sub-woofer channel is half of the frequency defined in Table 44
in order to reduce power dissipation in the output stage.
PRF
(1/TPWMP)
Main Channel
SUB
OUTPUT BITCLOCK
FREQUENCY
(1/TOBCLK)
MINIMUM PULSE
WIDTH (TPWMM)
SAMPLING
FREQUENCY
[kHz]
[kHz]
[MHz]
[ns]
32kHz
384
192
98.304
122
44.1kHz
352.8
176.4
90.3168
133
48kHz
384
192
98.304
122
88.2kHz
352.8
176.4
90.3168
133
96kHz
384
192
98.304
122
176.4kHz
352.8
176.4
90.3168
133
192kHz
384
192
98.304
122
Table 44 Output Bitclock Frequency
Notes:
1.
The correct Output Bitclock Frequency (TOBCLK) is generated by the built-in PLL of the WM8602
device. The incoming clock must meet the jitter specification defined in Table 3.
OUTPUT PHASE
The Phase control word determines whether the output of each channel is non-inverted or inverted.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
Bit
Channel
Phase
0
L
1 = invert
1
R
1 = invert
R26 (1Ah)
Output Phase
6:0
PH[6:0]
0000000
6
SUB
1 = invert
Table 45 Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com