Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8602 Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8602
Description  2.1 CHANNEL PWM CONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8602 Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8602 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
WM8602
Product Preview
w
PP Rev 1.5 May 2004
30
Figure 20 Application and Release of Soft Mute
An auto-mute function is provided which automatically mutes the output stage when a digital silence
period is detected. Digital silence is defined as a consecutive period of 1024 zero input samples at
the output of the volume control. Auto-mute will be removed as soon as the volume control output
becomes non-zero. (Please note that on the sub channel the noise level is greatly reduced, rather
than complete digital silence.)
To achieve digital silence, you can do one of the following:
•
Turn on auto-mute and set the volume control to zero.
•
Turn on auto-mute and input zero data on the serial data input pins with the bass
management filters disabled. (Page 25)
•
Turn on auto-mute and soft mute.
The auto-mute operates independently for Left/Right and Subwoofer channels and can be enabled or
disabled separately.
The mute features maximize the SNR of the PWM amplifier system. Soft-mute will only maximize the
SNR for Left/Right or Subwoofer channels if enabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
SMUTE
0
Digital Soft Mute
0 = disable (signal active)
1= enable
1
AMUTEF
1
Left/Right Auto-mute
0 = disable
1 = enable
R12 (0Ch)
Mute
4
AMUTESB
1
Subwoofer Auto-mute
0 = disable
1 = enable
Table 34 Mute
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
0
0.001
0.002
0.003
0.004
0.005
0.006
Time(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com