Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8602 Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8602
Description  2.1 CHANNEL PWM CONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8602 Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8602 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
WM8602
Product Preview
w
PP Rev 1.5 May 2004
28
DIGITAL DEEMPHASIS
The digital ‘de-emphasis’ is used to equalize pre-emphasised digital CD recordings. De-emphasis
filtering is available on the Left and Right channels only, for sample rates of 32kHz, 44.1kHz and
48kHz. The settings are applied to the two channels simultaneously.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R20 (14h)
De-emphasis
0
DEEMP
0
De-emphasis Control
0 = No De-emphasis
1 = De-emphasis enabled
Table 30 De-emphasis
Refer to Figure 30, Figure 31, Figure 32, Figure 33, Figure 34 and Figure 35 for details of the De-
Emphasis modes at different sample rates.
Note: Using the De-emphasis filters for other sample rates as defined above will result in a frequency
response error as shown in Figure 31, Figure 33 and Figure 35.
DIGITAL VOLUME CONTROL
The volume control allows the gain of each channel to be independently adjusted in 0.5dB steps from
-103.5dB to +24dB. When the Dynamic Peak Compressor (see below) is enabled, gains of greater
than 0dB can be applied without digital clipping occurring. The volume control has a digital zero-cross
circuit which minimises clicks during changing the volume.
An update control bit is provided which allows the volume setting on each channel to be first stored in
an intermediate latch, then afterwards applied simultaneously to all channels. If UPDATE=0, the
Volume value will be written to the pre-latch but not applied to the relevant channel. If UPDATE=1, all
pre-latched values will be applied from the next input sample. The value of UPDATE itself is not
latched.
To prevent audible clicks, the volume control includes a ramp function which automatically ramps the
volume in small steps between register updates. The ramp rate is 256dB/s ±5%.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7:0
VOLL[7:0]
10110001
(-15dB)
Left Volume in 0.5dB steps. Refer to
Table 14
R4 (04h)
Left Volume
8
UPDATE
0
Volume Update
0 = Store LVOL in intermediate latch
(no gain change)
1 = Store and Update all channel
gains
7:0
VOLR [7:0]
10110001
(-15dB)
Right Volume in 0.5dB steps. Refer to
Table 14
R5 (05h)
Right Volume
8
UPDATE
0
Volume Update
0 = Store RVOL in intermediate latch
(no gain change)
1 = Store and Update all channel
gains
7:0
VOLS [7:0]
10110001
(-15dB)
Sub Volume in 0.5dB steps. Refer to
Table 14
R10 (0Ah)
Subwoofer
Volume
8
UPDATE
0
UPDATE
0 = Store SVOL in intermediate latch
(no gain change)
1 = Store and Update all channel
gains
Table 31 Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com