Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8602 Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM8602
Description  2.1 CHANNEL PWM CONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8602 Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM8602 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
Product Preview
WM8602
w
PP Rev 1.5 May 2004
29
VOLXX[7:0]
VOLUME LEVEL
00(hex)
-∞dB (mute)
01(hex)
-103dB
:
:
:
:
CF(hex)
0dB
:
:
:
:
FE(hex)
+23.5dB
FF(hex)
+24dB
Table 32 Volume Control Levels
DUAL VOLUME CONTROL
Setting the DVC register bit causes the volume settings to be applied in pairs. For example, the
DVCF causes the Left channel volume settings to be applied to both the Left and Right channels
from the next audio input sample. No update to the VOL registers is required for DVC to take effect.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R11 (0Bh)
Dual Volume
Control
0
DVCF
0
Dual Volume Control – Left/Right
Channels:
0 : Use VOLFR setting for Right
channel
1:
Apply VOLFL setting to Right
channel
Table 33 Dual Volume Control
SOFT MUTE AND AUTO-MUTE
The WM8602 has a Soft Mute function set by the SMUTE control bit. Figure 20 shows the application
and release of SMUTE while a full amplitude sinusoid is being played at 48kHz sampling rate. When
SMUTE (lower trace) is asserted, the output (upper trace) begins to decay exponentially from the DC
level of the last input sample. The output will decay towards zero with a time constant of
approximately 64 input samples. When SMUTE is turned off, the output will restart almost
immediately from the current input sample, thus possibly causing a pop sound.
This function is disabled by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com