Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8602 Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8602
Description  2.1 CHANNEL PWM CONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8602 Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8602 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
Product Preview
WM8602
w
PP Rev 1.5 May 2004
39
REGISTER MAP
The complete register map is shown below. The detailed description can be found in the relevant text of the device description.
There are 30 registers with 9 bits per register. These can be controlled using the Control Interface.
REGISTER
ADDRESS
REMARKS
BIT[8]
BIT[7]
BIT[6]
BIT[5]
BIT[4]
BIT[3]
BIT[2]
BIT[1]
BIT[0]
DEFAULT
PAGE REF
R0 (00h)
00_0000
Clocking
0
0
0
0
0
CLKDIV2 MEDGE
MPEG
CMAST
0_0000_0011
19
R1 (01h)
00_0001
Sample Rate
0
0
0
0
SRDET
SR
0_0001_0000
19
R2 (02h)
00_0010
Audio IF Format
BCLKINV
MS
LRSWAP
0
LRP
WL
FORMAT
0_0000_1010
18
R3 (03h)
00_0011
Input/Output Configuration
0
0
0
0
1
OPCFG
0
0
1
0_0001_1001
25
R4 (04h)
00_0100
Left Volume
UPDATE
VOLFL (Left) Volume
0_1011_0001
28
R5 (05h)
00_0101
Right Volume
UPDATE
VOLFR (Right) Volume
0_1011_0001
28
R10 (0Ah)
00_1010
Subwoofer Volume
UPDATE
VOLS (Subwoofer) Volume
0_1011_0001
28
R11 (0Bh)
00_1011
Dual Volume Control
0
0
0
0
0
0
0
0
DVCF
0_0000_0000
29
R12 (0Ch)
00_1100
Mute
0
0
0
0
AMUTESB
1
1
AMUTEF
SMUTE
0_0001_1110
30
R13 (0Dh)
00_1101
Bass (1)
0
0
0
0
0
0
LFEBOOST
LPHPCO
0_0000_0001
26
R14 (0Eh)
00_1110
Bass (2)
0
0
0
1
1
LPENF
1
1
HPENF
0_0011_1111
26
R15 (0Fh)
00_1111
EQ Band 1 Gain Control
0
1
1
1
1
EQ1GF
0_1111_1111
26
R16 (10h)
01_0000
EQ Band 2 Gain Control
0
1
1
1
1
EQ2GF
0_1111_1111
26
R17 (11h)
01_0001
EQ Band 3 Gain Control
0
1
1
1
1
EQ3GF
0_1111_1111
27
R18 (12h)
01_0010
EQ Frequency Control
0
0
0
1
EQ3CF
1
EQ2CF
1
EQ1CF
0_0011_1111
27
R19(13h)
01_0011
Speaker Equaliser
0
0
0
0
0
LSEQ
LSCO
0_0000_1000
27
R20 (14h)
01_0100
Deemphasis
0
0
0
0
0
0
0
0
DEEMPH 0_0000_0000
28
R21 (15h)
01_0101
Peak Compressor F (1)
0
0
0
0
0
0
0
0
PLENF
0_0000_0001
32
R22 (16h)
01_0110
Peak Compressor F (2)
FDEP
THRESH
DCY
ATK
0_1101_1010
32
R23 (17h)
01_0111
Peak Compressor SUB (1)
0
0
0
0
0
0
0
0
PLENSUB
0_0000_0001
32
R24 (18h)
01_1000
Peak Compressor SUB (2)
FDEP
THRESH
DCY
ATK
0_1101_1010
33
R25 (19h)
01_1001
Zero Cross
0
0
0
0
ZCT
ZCSUB
1
1
ZCF
0_0001_1111
33
R26 (1Ah)
01_1010
Output phase
0
0
PH
0_0000_0000
35
R27 (1Bh)
01_1011
PWM Output Config
0
PWMCLK
0
0
0
PWMPH
PWMCFG
0
0_0000_1000
36
R28 (1Ch)
01_1100
Output Config
0
0
0
0
0
0
0
0
TRI
0_0000_0000
36
R29 (1Dh)
01_1101
Power Down
0
0
0
0
0
0
MENA
OPDISR
STDBY
0_0000_0101
37
R30 (1Eh)
01_1110
Reset
0
0
0
0
0
0
0
0
RLENA
0_0000_0000
37
R31 (1Fh)
01_1111
PSU
0
0
0
0
DCYPSU
CLKPSU
ENPSU
0_0000_0000
38
R32 (20h)
10_0000
Synchroniser (1)
0
0
0
HOLD
GMAX
GMIN
SYNCEN 0_0001_0101
22
R33 (21h)
10_0001
Synchroniser (2)
0
0
0
0
0
0
SYNTO
0_0000_0100
22
Table 52 Register Map Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com