Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8602 Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8602
Description  2.1 CHANNEL PWM CONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8602 Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8602 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
Product Preview
WM8602
w
PP Rev 1.5 May 2004
23
G
FOFFLRCLK
[ppm]
max
min
GAIN TIME-OUT
[ms]
±100
2
8
2
0
~1
±1000
2
10
2
0
~4
±10’000
2
10
2
0
~20
Table 18 Synchroniser Setup and Locking
Note: The Synchroniser requires a continuously running LRCLK. If that is not the case the HOLD
signal has to be applied to avoid the synchronizer drifting.
CONTROL INTERFACE OPERATION
SELECTION OF CONTROL MODE
The WM8602 is controlled by writing to registers through a serial control interface. A control word
consists of 16 bits. The first 7 bits (B15 to B9) are address bits that select which control register is
accessed. The remaining 9 bits (B8 to B0) are register bits, corresponding to the 9 bits in each
control register. The control interface can operate as either a 3-wire or 2-wire MPU interface. The
MODE pin selects the interface format. An internal pull-down resistor configures the Control Interface
to a default 2 wire format.
MODE
INTERFACE FORMAT
Low
2 wire (default)
High
3 wire
Table 19 Control Interface Mode Selection
The WM8606 Control Interface operates as a slave device only.
3-WIRE (SPI COMPATIBLE) SERIAL CONTROL MODE
The WM8602 is controlled using a 3-wire serial interface. SDIN is used for the program data, SCLK
is used to clock in the program data and CSB is use to latch in the program data. The 3-wire
interface protocol is shown in Figure 13.
CSB
SCLK
SDIN
B15
B6
B7
B8
B9
B10
B11
B12
B13
B14
B1
B2
B3
B4
B5
B0
Figure 18 3-wire Serial Interface
The bits B[15:9] are Control Address Bits and the bits B[8:0] are Control Data Bits
2-WIRE SERIAL CONTROL MODE
The WM8602 supports software control via a 2-wire serial bus. Many devices can be controlled by
the same bus, and each device has a unique 7-bit address (this is not the same as the 7-bit address
of each register in the WM8602).
The controller indicates the start of data transfer with a high to low transition on SDIN while SCLK
remains high. This indicates that a device address and data will follow. All devices on the 2-wire bus
respond to the start condition and shift in the next eight bits on SDIN (7-bit address + Read/Write bit,
MSB first). If the device address received matches the address of the WM8602 and the R/W bit is ‘0’,
indicating a write, then the WM8602 responds by pulling SDIN low on the next clock pulse (ACK). If
the address is not recognised or the R/W bit is ‘1’, the WM8602 returns to the idle condition and wait
for a new start condition and valid address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com