Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8602 Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8602
Description  2.1 CHANNEL PWM CONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8602 Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8602 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
WM8602
Product Preview
w
PP Rev 1.5 May 2004
18
No BCLK edges are allowed between the data words.
MODE
INPUT FORMAT (ORDER)
SUPPORTED MODES
Stereo
L, R
No restrictions apply
Table 10 DSP Mode Input Format
AUDIO INTERFACE CONTROL
The register bits controlling audio format, word length and master/slave mode are summarised
below. MS selects audio interface operation in master or slave mode. In Master mode BCLK and
LRCLK are outputs and the frequency of LRCLK is set by the sample rate control bits SR[3:0]. In
Slave mode BCLK and LRCLK are inputs (refer to Table 12 for sample rate control in this case).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
BCLKINV
0
BCLK invert bit (for master and slave
modes)
0 = BCLK not inverted
1 = BCLK inverted
7
MS
0
Master / Slave Mode Control
1 = Enable Master Mode
0 = Enable Slave Mode
6
LRSWAP
0
Left/Right channel swap
1 = swap left and right data in audio
interface
0 = output left and right data as normal
4
LRP
0
Right, left and I
2S modes – LRCLK
polarity
1 = invert LRCLK polarity
0 = normal LRCLK polarity
(as show in e.g. Figure 12)
DSP Mode – A/B select
1 = MSB is available on 1st BCLK rising
edge after LRC rising edge (mode B)
0 = MSB is available on 2nd BCLK rising
edge after LRC rising edge (mode A)
3:2
WL[1:0]
10
Audio Data Word Length
11 = 32 bits (see Note)
10 = 24 bits
01 = 20 bits
00 = 16 bits
R2 (02h)
Audio IF
Format
1:0
FORMAT[1:0]
10
Audio Data Format Select
11 = DSP Mode
10 = I
2S Format
01 = Left justified
00 = Right justified
Table 11 Audio Data Format Control
Notes:
1.
Right Justified mode does not support 32-bit data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com