Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8602 Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8602
Description  2.1 CHANNEL PWM CONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8602 Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8602 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
Product Preview
WM8602
w
PP Rev 1.5 May 2004
27
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R17 (11h)
EQ Band 3
Gain Control
3:0
EQ3GF
[3:0]
1111
(Disabled)
Band 3 Left/Right Gain
0000 or 0001 = +9dB
0010 = +7.5dB
… (1.5dB steps)
1011 to 1110 = -6dB
1111 = Disable
Table 27 EQ Band 3 Gain Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
EQ1CF
1
Band 1 Left/Right Centre-Frequency
0 = High Cutoff (500Hz)
1 = Low Cutoff (250Hz)
2
EQ2CF
1
Band 2 Left/Right Centre-Frequency
0 = High Cutoff (2kHz)
1 = Low Cutoff (1kHz)
R18 (12h)
EQ Centre-
Frequency
Control
4
EQ3CF
1
Band 3 Left/Right Cutoff Frequency
0 = High Cutoff (8kHz)
1 = Low Cutoff (4kHz)
Table 28 EQ Frequency Control
Band 0 is controlled via the sub-woofer volume control register R11 as described in Table 31. The
functionality to add/subtract the boost/cut setting to the sub-woofer volume must be written into the
software controller for the chip.
The Band 0 Cutoff frequency can be changed using the corner frequency of the low-pass/high-pass
filters as described in Table 23.
DIGITAL LOUDSPEAKER EQUALISER
A loudspeaker equaliser is provided to compensate for high-frequency variations that can occur when
loudspeakers of different impedances are used with different output filters in typical output stages.
The equaliser has selectable cut-off frequencies which are independent of sample rate. The gain at
20kHz is controllable in 0.5dB steps from -1.5dB to +2dB via the LSEQ control bit. The settings are
applied to Left and Right channels simultaneously.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
LSCO
0
LSEQ Filter Characteristic
0 = High Cutoff (15kHz)
1 = Low Cutoff (10kHz)
R19 (13h)
Loudspeaker
Equaliser
3:1
LSEQ
[2:0]
100
(Disabled)
High Frequency Equalisation
000 = +2dB
001 = +1.5dB
010 = +1dB
011 = +0.5dB
100 = Disable
101 = -0.5dB
110 = -1dB
111 = -1.5dB
Table 29 Loudspeaker Equaliser



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com