Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8602 Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM8602
Description  2.1 CHANNEL PWM CONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8602 Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8602 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
Product Preview
WM8602
w
PP Rev 1.5 May 2004
33
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:0
ATK[2:0]
010
Sub Channel Attack Rate
000 = 170µs
001 = 330µs
010 = 670µs
011 = 1.33ms
100 = 2.67ms
101 = 5.33ms
110 = 10.7ms
111 = 20.1ms
5:3
DCY[2:0]
011
Sub Channel Decay Rate
000 = 340ms
001 = 680ms
010 = 1.36s
011 = 2.73s
100 = 5,46s
101, 110, 111 = 10.9s
7:6
THRESH[1:0]
11
Sub Channel Compressor Thresholds
00 = -12dB
01 = -9dB
10 = -6dB
11 = -3dB
R24 (18h)
Sub Channel
Dynamic
Peak
Compressor
8
FDEP
0
Frequency-dependent decay
0 = disable
1 = enable
Table 38 Subwoofer Channel Dynamic Peak Compressor (2)
ZERO-CROSS DETECT
The Dynamic Peak Compressor has a zero-cross detect which minimises clicks during gain changes.
The zero-cross detect can be enabled/disabled for Left/Right or Subwoofer channels. The zero-cross
has a timeout feature which ensures that the volume will change even if the input has a large DC
offset. Once a new gain has been requested from the Dynamic Peak Compressor, the zero-cross
detector will wait for a zero-cross for 25 to 50 ms before applying the gain change.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
ZCF
1
Zero-Cross Enable – Left/Right
Channels:
0 : Disable Zero-Cross
1:
Enable Zero-Cross
3
ZCSUB
1
Zero-Cross Enable – Sub Channel:
0 : Disable Zero-Cross
1:
Enable Zero-Cross
R25 (19h)
Volume
Control Zero-
Cross
4
ZCT
1
Zero Cross Timeout Enable:
0 : Disable Zero-Cross Timeout
1:
Enable Zero-Cross Timeout
Table 39 Volume Control Zero-Cross



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com