Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8602 Datasheet(PDF) 34 Page - Wolfson Microelectronics plc

Part # WM8602
Description  2.1 CHANNEL PWM CONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8602 Datasheet(HTML) 34 Page - Wolfson Microelectronics plc

Back Button WM8602 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8602 Datasheet HTML 38Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
WM8602
Product Preview
w
PP Rev 1.5 May 2004
34
INTERPOLATION FILTERS
The WM8602 uses two types of interpolation filters, selected according to sampling frequency, as
shown in Table 39.
SAMPLING FREQUENCY
FILTER TYPE
INTERPOLATION
Main Channels
Main Channels
SUB
32kHz
0
12x
6x
44.1kHz
0
8x
4x
48kHz
0
8x
4x
88.2kHz
0
4x
2x
96kHz
0
4x
2x
176.4kHz
1
2x
1x
192kHz
1
2x
1x
Table 40 Interpolation Filter Types
FILTER TYPE 0
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Filter
Passband
±0.05 dB
0.454
fs
Stopband
-3dB
0.484
fs
Passband ripple
±0.05
dB
Stopband Attenuation
f > 0.546fs
-60
dB
Group Delay
23
samples
Table 41 Digital Filter 0 Characteristics
FILTER TYPE 1
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Filter
Passband
0.242
fs
Stopband
0.723
fs
Passband ripple
±0.05
dB
Stopband Attenuation
-60
dB
Group Delay
6
samples
Table 42 Digital Filter 1 Characteristics
The subwoofer filter characteristic is defined in table
FILTER TYPE SUBWOOFER
PARAMETER
SYMBOL
TEST CONDITIONS
-0.1dB
-3dB
UNIT
Sample Rate
32k
2.0
10.7
kHz
44k1
2.7
14.5
kHz
48k
3.0
15.8
kHz
88k2
6.1
32.1
kHz
96k
6.8
34.9
kHz
176k
*
*
kHz
192k
*
*
kHz
Table 43 Subwoofer Filter Characteristic
Note: * indicates no interpolation filters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com