Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-GD Datasheet(PDF) 19 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 19 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 15Page - IC-Haus GmbH IC-GD Datasheet HTML 16Page - IC-Haus GmbH IC-GD Datasheet HTML 17Page - IC-Haus GmbH IC-GD Datasheet HTML 18Page - IC-Haus GmbH IC-GD Datasheet HTML 19Page - IC-Haus GmbH IC-GD Datasheet HTML 20Page - IC-Haus GmbH IC-GD Datasheet HTML 21Page - IC-Haus GmbH IC-GD Datasheet HTML 22Page - IC-Haus GmbH IC-GD Datasheet HTML 23Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 19/55
FUNCTION DESCRIPTION
Power supply
The iC is supplied via the following pins:
Power Supply
Pin Name
Function
Range
typ. Value
VB
positive analog supply
14.5...16 V
+15 V
VNB
negative analog supply
-16...-14 V
-15 V
VCC
positive digital supply
3.135...5.25 V 3.3 or 5 V
VDA
positive power supply
18...36 V
24 V
GNDP
power ground
0 V
0 V
GNDL
logic ground
0 V
0 V
GNDA
analog ground
0 V
0 V
Table 4: Power Supply
The pins GNDP, GNDL and GNDA are to be connected
externally via a neutral point.
Default state of IO pins
• IAx: Configured as digital type 3 inputs according to
DIN/EN 61131-2
• UPx: Configured as voltage outputs with 0 V vs. UNx
• UIx: Pulldown current vs. VNB
• UNx: Pulldown current vs. GND
Digital inputs IAx
For the digital inputs several pull-down currents accord-
ing to DIN/EN61131-2 and a pull-up current can be set.
The status of the digital inputs can be indicated via
LEDs to ground at the pins LEDx even if the iC is not
supplied with voltage. In order to reduce power dissi-
pation, the pull-down current flows through the LEDs to
ground. If no LED is used, the corresponding LEDx pin
must be connected to ground.
Digital outputs IAx
The digital outputs can be configured as low-side, high-
side or push-pull drivers. If they are not configured as
digital outputs they remain high-impedance.
The outputs are current-limited and switch off when the
upper over-temperature limit T2 is reached. When the
lower over-temperature limit T1 is exceeded, only the
channel with excessive ouput current is disconnected.
A freewheeling circuit for inductive loads limits the pos-
itive voltage versus GNDP and the negative voltage
versus VDA.
Diagnostics allow measuring and monitoring the output
current in the output transistors directly. With appro-
priately configured pull-up or pulldown currents and
voltage comparators, the status (output on or off, line
break or short circuit to GNDP or VDA) can be detected.
Analog inputs (UPx, UIx)
Table 5 shows the possible measuring ranges. The
maximum ratings marked by (*) only apply, if the chan-
nel is configured as plain voltage input (IO_SEL_x = VI).
Then the entire range is valid. If the channel is con-
figured as temperature sensor (IO_SEL_x = TM), the
maximum ratings in table 10 apply. The inputs include
cable-break detection. The current inputs are current
limited to protect the measuring resistor. In addition,
it is possible to implement floating voltage or current
measurements (e.g. floating thermocouples).
The individual measuring range must be calibrated to
reach the specified accuracy. The accuracy accord-
ing to the characteristics S02 to S05 is summarized in
table 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com