Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-GD Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-GD Datasheet HTML 1Page - IC-Haus GmbH IC-GD Datasheet HTML 2Page - IC-Haus GmbH IC-GD Datasheet HTML 3Page - IC-Haus GmbH IC-GD Datasheet HTML 4Page - IC-Haus GmbH IC-GD Datasheet HTML 5Page - IC-Haus GmbH IC-GD Datasheet HTML 6Page - IC-Haus GmbH IC-GD Datasheet HTML 7Page - IC-Haus GmbH IC-GD Datasheet HTML 8Page - IC-Haus GmbH IC-GD Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 4/55
ABSOLUTE MAXIMUM RATINGS
Beyond these values damage may occur; device operation is not guaranteed.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 VB
Power Supply at VB
Referenced to GNDP
-0.3
18
V
G002 I(VB)
Current in VB
-10
100
mA
G003 VNB
Power Supply at VNB
Referenced to GNDP
-18
0.3
V
G004 I(VNB)
Current in VNB
-10
100
mA
G005 V(VDA)
Voltage at VDA, IA1, IA2
Referenced to the lowest voltage at GNDP,
VDA, IA1, IA2;
-48
48
V
Referenced to the highest voltage of VB, VDA,
IA1, IA2
G006 I(VDA)
Current in VDA
-100
800
mA
G007 V()
Voltage at UP1, UP2, UI1, UI2
Referenced to the lowest voltage of GNDP,
VNB, UP1, UP2, UI1, UI2;
-48
48
V
Referenced to the highest voltage of GNDP,
VB, UP1, UP2, UI1, UI2
G008 V()
Voltage at UN1, UN2
Referenced to GNDP
-48
48
V
G009 V(VCC)
Voltage at VCC
Referenced to GNDL
-0.3
7
V
G010 I(VCC)
Current in VCC
-50
20
mA
G011 I()
Current in IA1, IA2
-800
800
mA
G012 I()
Current in UP1, UP2, UI1, UI2, UN1,
UN2
-50
50
mA
G013 V(LED)
Voltage at LED1, LED2
Referenced to GNDP
-0.3
9
V
G014 I(LED)
Current in LED1, LED2
-30
100
mA
G015 V()
Voltage at ADR2, ADR1, ADR0, SCL,
SDA, NCS, SCLK, SDI, SDO, NIRQ,
NRES, RDY, SYNC1, SYNC2
Referenced to GNDL
-0.3
7
V
G016 I()
Current in ADR2, ADR1, ADR0, NCS,
SCLK, SDI, NRES
-4
4
mA
G017 I()
Current in SCL, SDA
-4
120
mA
G018 I()
Current in IRQ, RDY, SYNC1, SYNC2
-25
220
mA
G019 I()
Current in SDO
-260
220
mA
G020 V()
Voltage at VPA, VPD, VREF, VRPH,
TEST
Referenced to GNDP
-0.3
7
V
G021 I()
Current in VPA, VPD, VREF, VRPH,
TEST
-4
4
mA
G022 V()
Voltage at RP, RN, GNDA
Referenced to GNDP
-0.3
2
V
G023 I()
Current in RP, RN, GNDA, GNDL
-1
1
mA
G024 Vd()
ESD Susceptibility at all pins
HBM, 100 pF discharged through 1.5 kΩ
2
kV
G025 Tj,op
Operating Junction Temperature
-40
125
°C
G026 Ts
Storage Temperature
-40
125
°C
All voltages are referenced to ground unless otherwise stated.
All currents flowing into the device pins are positive; all currents flowing out of the device pins are negative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com