Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-GD Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-GD Datasheet HTML 1Page - IC-Haus GmbH IC-GD Datasheet HTML 2Page - IC-Haus GmbH IC-GD Datasheet HTML 3Page - IC-Haus GmbH IC-GD Datasheet HTML 4Page - IC-Haus GmbH IC-GD Datasheet HTML 5Page - IC-Haus GmbH IC-GD Datasheet HTML 6Page - IC-Haus GmbH IC-GD Datasheet HTML 7Page - IC-Haus GmbH IC-GD Datasheet HTML 8Page - IC-Haus GmbH IC-GD Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 2/55
DESCRIPTION
iC-GD is an interface IC with two independent chan-
nels each of which is configurable for a variety of
measurement and control signal transmission tasks.
Both channels, each with 4 pins, can be addressed
via the SPI interface and configured by an external
EEPROM or SPI.
When configured as low-side or high-side drivers,
each channel is capable of high driving currents (at
least 500 mA) with integrated current measurement
and current limitation. Drivers are short-circuit proof
by shut-down in case of overtemperature or overload.
The high/low-side drivers can be connected in parallel
for higher currents and feature an active freewheeling
circuit and reverse polarity protection.
Operated as an analog output, the iC-GD provides
voltages in the range of ±10 V or currents in the range
of 0 or 4 to 20 mA with a resolution of 14 bits.
When configured as an analog input, a 14-bit ADC
processes differential voltages in the range of ±10 V,
±1 V, ±100 mV, ±10 mV or currents in the range of
±20 mA or 4 to 20 mA.
The analog inputs can be bandwidth-limited over a
wide range from 2 kHz to 0.5 Hz by means of a con-
figurable input filter. Additionally a fast mode with an
8 kHz limit is available.
Pt temperature sensors (in 2-, 3- and 4-wire tech-
nology) and various thermocouples can also be con-
nected to provide the absolute temperature with a
resolution of 0.1 K after calibration.
After calibration an integrated temperature sensor
also supplies the absolute chip temperature with a
resolution of 1 K.
In digital input mode, two 32-bit counters are available
which can be configured for counting direction, start
value, end value or used in combination as a single
gated counter. An LED signals the state of the digital
input even without the iC-GD being powered.
The digital output can be operated as a pulse-width
modulator with a resolution of either 125 ns or 16 µs
and a cycle time of up to 8.192 ms or 1.048 s.
If all pins of a channel are not used, it is possible
to use certain functions of a channel simultaneously.
Thus, for example, the high-side or low-side driver or
the digital input respectively can be operated indepen-
dent of voltage and current measurement or voltage
output.
A variety of monitoring functions are available, includ-
ing supply voltage, cable breaks and overload condi-
tions to provide comprehensive system diagnostics.
The iC-GD is calibrated via SPI and via the relevant
pins.
Each IC holds a unique serial number for identifica-
tion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com