Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-GD Datasheet(PDF) 22 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 22 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 18Page - IC-Haus GmbH IC-GD Datasheet HTML 19Page - IC-Haus GmbH IC-GD Datasheet HTML 20Page - IC-Haus GmbH IC-GD Datasheet HTML 21Page - IC-Haus GmbH IC-GD Datasheet HTML 22Page - IC-Haus GmbH IC-GD Datasheet HTML 23Page - IC-Haus GmbH IC-GD Datasheet HTML 24Page - IC-Haus GmbH IC-GD Datasheet HTML 25Page - IC-Haus GmbH IC-GD Datasheet HTML 26Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 22/55
Diagnostic measurements
Name
Conversion
Measurement range
+15 V supply voltage VB
5.25 V
214
·
DIAG · 6
0...18 V
-15 V supply voltage VNB
5.25 V
214
·
DIAG · 6 − 26.25 V -18...-8.25 V
3.3...5 V supply voltage VCC
5.25 V
214
·
DIAG · 2
0...6 V
24 V supply voltage VDA
5.25 V
214
·
DIAG · 12
0...36 V
5.25 V supply voltage analog VPA
5.25 V
214
·
DIAG · 2
0...6 V
5.25 V supply voltage digital VPD
5.25 V
214
·
DIAG · 2
0...6 V
Current from digital hi-side output IAx
−
60 µA
214
·
DIAG · 10000
-600...0 mA
Current into digital lo-side output IAx
60 µA
214
·
DIAG · 10000
0...600 mA
Table 12: Diagnostic measurements
EEPROM
Batch number and one-time programming
During production, a 24-bit serial number is stored on
the chip. It is composed of the batch, wafer and chip
number and can be read via SPI. In addition, the tem-
perature coefficient of the bandgap (ATK), the tempera-
ture coefficient of the chip’s internal resistor for current
measurement (AITKQ, AITKL) and the offset of the chip
temperature measurement (AOCT) are calculated and
stored (OTP).
EEPROM
The following table describes the structure of the data
in the EEPROM starting at the top left with address
0x00. Every cell represents one byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com