Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-GD Datasheet(PDF) 30 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 30 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 26Page - IC-Haus GmbH IC-GD Datasheet HTML 27Page - IC-Haus GmbH IC-GD Datasheet HTML 28Page - IC-Haus GmbH IC-GD Datasheet HTML 29Page - IC-Haus GmbH IC-GD Datasheet HTML 30Page - IC-Haus GmbH IC-GD Datasheet HTML 31Page - IC-Haus GmbH IC-GD Datasheet HTML 32Page - IC-Haus GmbH IC-GD Datasheet HTML 33Page - IC-Haus GmbH IC-GD Datasheet HTML 34Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 30/55
STARTUP, RESET, WATCHDOGS
When the supply voltages are applied and VCC ex-
ceeds the undervoltage reset threshold (Vtu(VCC)hi),
the iC-GD starts with the self-configuration. The inter-
nal registers are initialized and the configuration and
calibration data from the EEPROM are read. During
the phase of self-configuration, (RDY = lo), SPI commu-
nication is blocked.
The EEPROM is read via the I2C interface. Here, the
configuration and calibration data are read from the
EEPROM and written into the internal registers. Dur-
ing the entire configuration, a 16-bit CRC checksum
is calculated and compared with the checksum that is
also stored in the EEPROM. If these do not match, the
configuration will be rejected and the chip returns to
its default state. The error status is stored in register
SPV_REG, bit ST_CONF. Also, a 16-bit checksum is
calculated for the calibration data and compared with
the checksum stored in the EEPROM. If those do not
match, only the error status is stored in the register
SPV_REG, bit ST_CALIB. The read data is kept, ex-
cept for the frequency calibration. Additionally, in cer-
tain modes further calibration data from the EEPROM is
read and protected by a separate 8-bit CRC if required.
The iC uses the memory area of the EEPROM shown
in table 13. The subsequent memory area is freely
available to the user.
The chip then provides several possibilities for internal
and external resetting. The cause of the last reset is
stored in a status register.
• Supply voltage: If the supply voltage VCC drops
below the undervoltage reset threshold (Vtu(VCC)lo),
the chip is reset. As stated above, it restarts when
the supply voltage is restored.
• NRES pin: If the NRES pin is low for at least tRESlo,
the chip is reset. Shorter pulses may but do not have
to cause a reset.
• Reset via SPI: The chip can be reset immediately
by writing into the register SPI_LOCK_RESET the
relevant command.
• Watchdog SPI: An internal watchdog timer can be
optionally enabled, to monitor the SPI communication.
If no valid SPI communication takes place during a
certain time period (see table 19), the watchdog re-
sets the iC. A valid communication is one of the
opcodes "PROCESS DATA 1/2/1 and 2".
• Watchdog µC: An internal watchdog monitors the in-
ternal processor. The processor operates the watch-
dog regularly during its main routine. If the watchdog
is not operated within the the µC time-out (see table
19), it resets the iC.
Reset times
Watchdog µC
125 ms ±5 ms
Watchdog SPI 53 ms ±3 ms
Table 19: Watchdogs (times are only valid with cali-
brated oscillator)
SPI
The iC-GD is controlled via an SPI interface. The SPI
interface allows fast reading of measurement data and
the setting of actuator values as well as reading and
writing of configuration registers. The SPI provides a
bridge to the I2C interface and thus also to the con-
nected EEPROM.
The SPI operates synchronously with the supplied clock.
To this end, it samples the input data with the falling
edge and outputs the data with the rising edge. By
default, it outputs the input data with half a clock delay.
The iC is activated by the NCS pin, so that the subse-
quent 8 bits can be interpreted as control code. This
contains a 4-bit opcode, a 3-bit address and a broad-
cast bit. If the iC as such is not addressed, it hibernates
and only relays the input data. Otherwise, it interprets
the opcode.
An additional delay in the signal path (SDO) between
0 and 7 clocks can be set via the configuration bit
EN_UCM. Thus, the total delay of a daisy chain of
up to 8 iCs can be set up to a multiple of 8 clocks. This
has to be carried out in the last iC of the SPI chain.
This iC automatically determines the required number
of clocks of additional delay by means of its address.
This allows proper control by a µC.
The SPI protocol is optimized for the transfer of sensor
and actuator data. Sensor data is available directly fol-
lowing the opcode and can be clocked out subsequently.
Actuator data can be sent directly following the opcode.
To read data from internal registers, a provisioning time
of 8 clocks following the opcode and the address is
required, which can be filled with optional data. To write
register data, no padding is required by the SPI. When



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com