Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-GD Datasheet(PDF) 35 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 35 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 31Page - IC-Haus GmbH IC-GD Datasheet HTML 32Page - IC-Haus GmbH IC-GD Datasheet HTML 33Page - IC-Haus GmbH IC-GD Datasheet HTML 34Page - IC-Haus GmbH IC-GD Datasheet HTML 35Page - IC-Haus GmbH IC-GD Datasheet HTML 36Page - IC-Haus GmbH IC-GD Datasheet HTML 37Page - IC-Haus GmbH IC-GD Datasheet HTML 38Page - IC-Haus GmbH IC-GD Datasheet HTML 39Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 35/55
• Pulse counter with reset: Counts pulses at CH_1.
CH_2 acts as reset input. While CH_2 is high, the
counter is reset.
• Pulse counter with gated signal: Counts pulses at
CH_1, if CH_2 is high.
• Pulse counter with direction signal: Counts pulses
at CH_1, positive for CH_2 = 0, negative for CH_2 =
1.
• Time measurement edge to edge between chan-
nel 1 and 2: Measures the time of the rising edge
at CH_1 to the rising edge at CH_2. In case of sev-
eral consecutive rising edges at CH_1, the last one
(minimum time) is measured. In case of several con-
secutive rising edges at CH_2, the time to the last
rising edge of CH_1 is measured. If both edges rise
simultaneously (within the sampling resolution), the
time to the preceding rising edge of CH_1 is mea-
sured, (i.e. not 0). CH_2 acts as synchronization
input, no external sync possible.
• Incremental encoder with single, dual and quadru-
ple evaluation.
Mode
Resolution LSB
Maximum time
Time measurements
125 ns
537 s
PWM, HS mode
125 ns
8.192 ms
PWM, LS mode
16 µs
1.048 s
Table 20: Counter times
Mode
SYNC
CBE
DNU
RAR
DCB
Pulse counter
X
X
X
X
X
Time measurement period
-
-
-
(-)
X
Time measurement pulse width
-
-
-
(-)
X
Pulse counter with trigger
-
X
X
X
X
Pulse counter with reset
X
X
X
X
X
Pulse counter with Gate
X
X
X
X
X
Pulse counter with direction signal
X
X
-
X
X
Time measurement CH1 → CH2
-
-
-
(-)
X
Incremental encoder 1 x
X
-
-
(-)
X
Incremental encoder 2 x
X
-
-
(-)
X
Incremental encoder 4 x
X
-
-
(-)
X
Table 21: Overview of the usable counter setting bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com