Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-GD Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-GD Datasheet HTML 1Page - IC-Haus GmbH IC-GD Datasheet HTML 2Page - IC-Haus GmbH IC-GD Datasheet HTML 3Page - IC-Haus GmbH IC-GD Datasheet HTML 4Page - IC-Haus GmbH IC-GD Datasheet HTML 5Page - IC-Haus GmbH IC-GD Datasheet HTML 6Page - IC-Haus GmbH IC-GD Datasheet HTML 7Page - IC-Haus GmbH IC-GD Datasheet HTML 8Page - IC-Haus GmbH IC-GD Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 3/55
PACKAGING INFORMATION QFN38 5 mm x 7 mm to JEDEC Standard
PIN CONFIGURATION QFN38 5 mm x 7 mm
1
2
3
4
5
6
7
8
9
10
11
12
13 14 15 16 17 18 19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
PIN FUNCTIONS
No. Name Function
1 ADR0 Address 0 input
2 ADR1 Address 1 input
3 ADR2 Address 2 input
4 VCC
Supply voltage 3.3...5 V
5 GNDL Logic Ground
6 TEST Test pin
PIN FUNCTIONS
No. Name
Function
7 VPD
5 V voltage output
8 VRPH
Modulator mid voltage
9 VREF
Modulator reference voltage
10 LED1
LED1 driver output
11 VNB
Supply voltage -15 V
12 UN1
Voltage negative channel 1
13 UI1
Voltage current channel 1
14 UP1
Voltage positive channel 1
15 IA1
Current output analog/digital channel 1
16 GNDP Power Ground
17 VDA
Supply voltage 24 V
18 IA2
Current output analog/digital channel 2
19 UP2
Voltage positive channel 2
20 UI2
Voltage current channel 2
21 UN2
Voltage negative channel 1
22 VB
Supply voltage +15 V
23 LED2
LED2 driver output
24 VPA
5 V voltage output
25 RP
Resistor pin 1
26 RN
Resistor pin 2
27 GNDA Analog Ground
28 NRES
Reset input (low active)
29 RDY
Ready output
30 NCS
Chip select input (low active)
31 SCLK
SPI clock input
32 SDI
SPI data input
33 SDO
SPI data output
34 SYNC1 Synchronization channel 1
35 SYNC2 Synchronization channel 2
36 IRQ
Interrupt output
37 SCL
Serial clock input
38 SDA
Serial data input
The Thermal Pad is to be connected to a Ground Plane (GNDP) on the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com