Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-GD Datasheet(PDF) 45 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 45 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 41Page - IC-Haus GmbH IC-GD Datasheet HTML 42Page - IC-Haus GmbH IC-GD Datasheet HTML 43Page - IC-Haus GmbH IC-GD Datasheet HTML 44Page - IC-Haus GmbH IC-GD Datasheet HTML 45Page - IC-Haus GmbH IC-GD Datasheet HTML 46Page - IC-Haus GmbH IC-GD Datasheet HTML 47Page - IC-Haus GmbH IC-GD Datasheet HTML 48Page - IC-Haus GmbH IC-GD Datasheet HTML 49Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 45/55
IO_SEL_xP
LK - P
RW - 011
000
DI – digital input
001
DO – digital output
010
VI – voltage input
011
VO – voltage output
100
CI – current input
101
CO – current output
110
CNT – counter, corresponds to DI when counting
and DO for PWM
111
TM – temperature mesurement
Table 40: Primary channel mode selection
IO_SEL_xS
LK - S
(*) RW - 000
000
DI – digital input
001
DO – digital output
010
VI – voltage input
011
VO – voltage output
100
CI – current input
101
CO – current output
110
CNT(PWM) – counter in PWM mode, corresponds to
DO; counter not supported
111
OFF – NOP
Table 41: Secondary channel mode selection
DO_12
The register DO_12 enables outputting a digital data
signal for both channels. For control, any source of
the first channel can be used. The output occurs simul-
taneously at both outputs. If the signals are output in
phase (i.e. DIO_INV_1 = DIO_INV_2), the outputs can
be connected in parallel and the maximum available
current can thus be doubled. The antivalent operation
for example is useful for differential mode generation
via PWM.
DO_12
LK - P
RW - 0
1
Activates the output of a signal via DO_1 and DO_2
Table 42: DO_12
DO_ADR0_2
Register DO_ADR0_2 enables outputting the input
value at pin ADR0 directly at the digital output pin IA2.
The possibility for inversion remains.
DO_ADR0_2
LK - P
RW - 0
1
Activates pin ADR0 → IA2
Table 43: DO_ADR0_2
ENVIF_x
Register ENVIF_x enables the use of floating sensors
when using the current and voltage input as well as
thermocouples. If this bit is set, the pin UIx is switched
to ground by means of a resistor.
ENVIF_x
LK-PS
RW - 0
1
Switches pin UI to ground – use with floating sensors
Table 44: ENVIF_x
DI_SEL_x
Register DI_SEL_x allows selecting the digital input
as type 1/2/3 in accordance with the standard DIN/EN
61131-2.
DI_SEL_x
LK-PS
RW - 11
00
Pull-up
01
Type 1
10
Type 2
11
Type 3
Table 45: Digital input selection
DO_SEL_x
Register DO_SEL_x enables to select the mode for the
digital output. In push-pull mode, either the P-channel
or the N-channel transistor is active to pull the output
actively to the appropriate level. In low-side mode,
only the N-channel transistor and a small pull-down cur-
rent-source for cable break detection are active. Cor-
respondingly, in high-side mode, only the P-channel
transistor and a small pull-up current are active.
DO_SEL_x
LK-PS
RW - 00
00
Push-pull
01
IO-Link with push-pull
10
Low-side driver
11
High-side driver
Table 46: Digital input/output selection
DIO_INV_x
The input and output signals can be inverted with the
DIO_INV_x register. At the input, all modes are affected
that use the digital input, i.e. also counters and the read-
-back of the physical line level. At the output, all modes
are affected that use the digital output, i.e. the counter
in PWM mode.
DIO_INV_x
LK-PS
RW - 0
0
OFF – input/output not inverted
1
ON – input/output inverted
Table 47: Digital input/output inversion
SYNC_SEL_x
According to table 48, both SYNC pins can be operated
separately in the following modes. Note that for modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com