Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-GD Datasheet(PDF) 39 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 39 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 35Page - IC-Haus GmbH IC-GD Datasheet HTML 36Page - IC-Haus GmbH IC-GD Datasheet HTML 37Page - IC-Haus GmbH IC-GD Datasheet HTML 38Page - IC-Haus GmbH IC-GD Datasheet HTML 39Page - IC-Haus GmbH IC-GD Datasheet HTML 40Page - IC-Haus GmbH IC-GD Datasheet HTML 41Page - IC-Haus GmbH IC-GD Datasheet HTML 42Page - IC-Haus GmbH IC-GD Datasheet HTML 43Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 39/55
OPCODES
The first byte sent via SPI contains the address of the
iC and the command. The address is defined by three
bits that address the iC when they match its hard-wired
address. A broadcast is also possible; here all chips are
addressed and the address is ignored; the command
defines the type of access. Possible are:
• PROCESS DATA x: The data of the primary chan-
nel is transmitted. The iC accepts the data when the
addressed channel is configured as input. The iC out-
puts data when the addressed channel is configured
as output. The bit width is adjusted automatically for
the chosen mode.
• READ CH_STAT_REG: The channel status register
is read, output and reset (RD + RST).
• READ IRQ_FLAG_REG: The interrupt-flag register
is read and output. This way, the cause for an in-
terrupt can be determined. It can be reset when no
interrupt is indicated any more (formed combinato-
rial).
• SYNC: The current value is sampled and stored for
channels that are configured as input (analog input,
digital input, counter, temperature measurement). For
channels that are configured as output, the last writ-
ten value is output. The used edge can be config-
ured per channel via the bit SYNC_INV_x. The Op-
code SYNC 1&2 – rising/falling edge can reproduce
a rising or falling edge and triggers synchronization
only when the edge matches the configuration via
SYNC_INV_x. The SYNC command has no effect
if the channel does not operate synchronously (se-
lectable via SYNC_SEL_x).
• READ INTERNAL REGISTER (single): The ad-
dressed register is output.
• WRITE INTERNAL REGISTER (single): The ad-
dressed register is written by the following byte.
• READ INTERNAL REGISTER (continuous): Oper-
ates like single; here the address is incremented au-
tomatically after each byte. This enables reading
various consecutive registers. Usage in broadcast is
not possible.
• WRITE INTERNAL REGISTER (continuous): Op-
erates like single; here the address is incremented
automatically after each byte. This enables the writ-
ing of consecutive register. Usage in broadcast is
possible. All iCs accept the same data.
• I2C TRANSFER/STATUS: The I2C TRANSFER com-
mand allows addressing components connected to
the iC via I2C. The iC operates as bridge. Therefore
the regular commands of I2C are mapped. Details
can be found in chapter I2C. Communication runs in
the background. Via I2C STATUS can be polled for
its completion.
Opcodes
Bits Description Values
2:0
Address
0...7: Up to 8 chips individually addressable
3
Broadcast
0 = single
1 = broadcast (address irrelevant)
7:4
Command
0000 = PROCESS DATA 1P
0001 = PROCESS DATA 2P
0010 = PROCESS DATA 1P & 2P
0011 = READ CH_STAT_REG
0100 = READ IRQ_FLAG_REG
0101 = SYNC 1
0110 = SYNC 2
0111 = SYNC 1&2
1000 = SYNC 1&2 – rising edge
1001 = SYNC 1&2 – falling edge
1010 = READ INTERNAL REGISTER (single)
1011 = WRITE INTERNAL REGISTER (single)
1100 = READ INTERNAL REGISTER (continous) (*)
1101 = WRITE INTERNAL REGISTER (continous)
1110 = I2C TRANSFER
1111 = I2C STATUS
Table 23: Opcodes
(*) Not to be used in broadcast



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com