Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-GD Datasheet(PDF) 21 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 21 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 17Page - IC-Haus GmbH IC-GD Datasheet HTML 18Page - IC-Haus GmbH IC-GD Datasheet HTML 19Page - IC-Haus GmbH IC-GD Datasheet HTML 20Page - IC-Haus GmbH IC-GD Datasheet HTML 21Page - IC-Haus GmbH IC-GD Datasheet HTML 22Page - IC-Haus GmbH IC-GD Datasheet HTML 23Page - IC-Haus GmbH IC-GD Datasheet HTML 24Page - IC-Haus GmbH IC-GD Datasheet HTML 25Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 21/55
Both voltage and current outputs must be calibrated
to reach the specified accuracy. The accuracy accord-
ing to the characteristics O02 to O05 is summarized in
table 8.
Output ranges
Range
Maximum ratings Digital values
±10 V
-10.500 V
0x8000
10.499 V
0x7FFC
0. . . 20 mA
0 mA
0x0000
20.999 mA
0xFFFC
4. . . 20 mA
4 mA
0x0000
20.999 mA
0xFFFC
0. . . 2 mA
0 mA
0x0000
2.0999 mA
0xFFFC
0. . . 200 µA
0 mA
0x0000
209.99 µA
0xFFFC
Table 7: Output ranges of the analog outputs
Accuracy of output ranges
Tj
25 °C -40...100 °C -40...120 °C
±10 V
5.25 mV
21 mV
42 mV
0. . . 20 mA
42 µA
84 µA
168 µA
4. . . 20 mA
34 µA
68 µA
136 µA
0. . . 2 mA
4.2 µA
8.4 µA
16.8 µA
0. . . 200 µA 0.42 µA
0.84 µA
1.68 µA
Table 8: Accuracy of the output ranges depending on
chip temperature
Thermocouples and PT temperature sensors
Table 10 shows the supported thermocouples and PT
temperature sensors. The temperature is determined
with a resolution of 0.1 K.
To calculate the temperature of the thermocouples at
the measuring point, the cold junction temperature is
also required. The cold junction temperature needs to
be stored as a digital value in the range of -20...105 °C
for both channels and in the same format as the tem-
perature itself via the SPI in the register TEMP_KSK.
The cold junction temperature is limited internally to its
valid range. The linearization of the measuring temper-
ature continues, even when leaving the valid temper-
ature range (see table 10). This prevents an overflow
of the number range. Additionally, the negative range
is limited to -209.15 °C. The upper and lower values
of temperature range apply as threshold values for the
range excess. This is compared to the final calculated
temperature, i.e. for the thermocouples after cold junc-
tion compensation. Table 65 shows by way of example
further settings for additional PT features for which lin-
earization can also be used. The accuracy according
to the Electrical Characteristics Item No. S06 is sum-
marized in table 11.
Temperature range
Range
Maximum ratings Digital value
Thermo couple,
0 K
0x0000
PT sensor
6,553.5 K
0xFFFF
Table 9: Temperature range
Thermo couples
Typ
Temperature range
Valid range
J
-100. . . 1200 °C
0x06C4. . . 0x398B
K
-100. . . 1370 °C
0x06C4. . . 0x402F
T
-100. . . 400 °C
0x06C4. . . 0x1A4B
N
-100. . . 1300 °C
0x06C4. . . 0x3D73
E
-100. . . 1000 °C
0x06C4. . . 0x31BB
R
-50. . . 1768 °C
0x08B8. . . 0x4FBB
S
-50. . . 1768 °C
0x08B8. . . 0x4FBB
B
600. . . 1820 °C
0x221C. . . 0x51C3
PT sensors
Typ
Temperature range
Valid range
PT-100
-100. . . 800 °C
0x06C4. . . 0x29EB
PT-1000
-100. . . 800 °C
0x06C4. . . 0x29EB
Table 10: Temperature measurement
Accuracy of the temperature ranges
Tj
25 °C -40...100 °C -40...120 °C
TE Type J
1.95 °C
3.9 °C
7.8 °C
TE Type K
2.21 °C
4.41 °C
8.82 °C
TE Type T
0.75 °C
1.5 °C
3.0 °C
TE Type N
2.1 °C
4.2 °C
8.4 °C
TE Type E
1.65 °C
3.3 °C
6.6 °C
TE Type R
2.73 °C
5.45 °C
10.9 °C
TE Type S
2.73 °C
5.45 °C
10.9 °C
TE Type B
1.83 °C
3.66 °C
7.32 °C
PT100, PT1000 1.35 °C
2.7 °C
5.4 °C
Table 11: Accuracy of the temperature ranges depend-
ing on chip temperature
Diagnostic measurements
For diagnostic purposes, several voltages and the cur-
rents in the outputs IAx as well as internal reference
voltages can be measured by a 14 bit ADC. The con-
verter maps the voltage range of 0 to 5.25 µA or 0 to
60 µA respectively with a 14-bit resolution to the digital
values DAC[13:0] of 0x0000 to 0x3FFF. Due to internal
limitations, the actual usable measuring range is lower
as shown in table 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com