Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-GD Datasheet(PDF) 28 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 28 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 24Page - IC-Haus GmbH IC-GD Datasheet HTML 25Page - IC-Haus GmbH IC-GD Datasheet HTML 26Page - IC-Haus GmbH IC-GD Datasheet HTML 27Page - IC-Haus GmbH IC-GD Datasheet HTML 28Page - IC-Haus GmbH IC-GD Datasheet HTML 29Page - IC-Haus GmbH IC-GD Datasheet HTML 30Page - IC-Haus GmbH IC-GD Datasheet HTML 31Page - IC-Haus GmbH IC-GD Datasheet HTML 32Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 28/55
Case 1:
AOSZn ≥ 0,
AOSZn ≥ c1 ∗
f meas
f set
−
1
AOSZn+1 = AOSZn ∗
f set
f meas
+ c1 ∗
f set
f meas
−
1
Case 2:
AOSZn ≥ 0,
AOSZn < c1 ∗
f meas
f set
−
1
AOSZn+1 =
1 −
f meas
f set
∗
1
1 + AOSZn
c1
 ∗ c2
Case 3:
AOSZn < 0,
AOSZn ≥ c2 ∗ 1 −
f set
f meas
AOSZn+1 =
f set
f meas
∗
1
1 − AOSZn
c2
−
1
 ∗ c1
Case 4:
AOSZn < 0,
AOSZn < c2 ∗ 1 −
f set
f meas
AOSZn+1 = AOSZn ∗
f meas
f set
+ c2 ∗ 1 −
f meas
f set
with
c1 = 192,
c2 = 180
AOV – Voltage output offset
The output voltage offset calibration, UPx − UNx, is
done for both channels via the 3-bit register AOV.
The calibration range covers approx. 9 mV in steps
of 1.28 mV.
With AOV = 0b000 at channel 1, a voltage of 0 mV
(0x0000) is output and the (negative) offset is deter-
mined. The calibration value AOV then results in:
AOV = −
Vmeas
1.28 mV
AGVsx – Voltage output gain
The output voltage gain calibration, UPx − UNx, is
centrally carried out via the internal 5.25 V voltage ref-
erence of the 14-bit D/A converter. The calibration
range based on the output voltage of ±10.5 V is approx.
512 mV in steps of approx. 1 mV.
For this, a previous calibration of the offset (AOV) is
required.
The
four
calibration
values
AGVPx(8:0)
and
AGVNx(8:0) must be calculated for both channels and
separately for the positive and negative output range.
For start value AGVsx0 = 0x100 and the maximum
magnitude of voltage Vset must be performed:
AGVsxn+1 = AGVsxn ∗
Vmeas
Vset
+29 ∗19.2∗
Vmeas
Vset
−
1
AOIAx – Current output offset
The current output offset applies to the 4 to 20 mA range
only. The calibration range is approx. 0.25 mA. The
calibration steps are approx. 1 µA.
The calibration is performed with IAx at 4 mA (0x0000)
via AOIAx(7:0). For this, two iterations according to the
following equation with the start value AOIAx0 = 0x80
are performed:
AOIAxn+1 = AOIAxn ∗
Imeas
Iset
+ 28 ∗ 15.5 ∗
Imeas
Iset
−
1
AGIAmx – Current output gain
The calibration range for the current output gain is ap-
prox. 6.1% (minus offset of the 4 to 20 mA range). The
calibration steps are 1/256 (i.e. e.g. selected in the 0
to 20 mA range with 21 mA: calibration range approx.
1.28 mA, calibration steps approx. 5 µA).
For the calibration of the current output gain, a previous
calibration of the current output offset (AOIAx, only in
the range of 4 to 20 mA) is required.
The output current calibration at IAx is carried out for
both output ranges of 0 to 20 mA as gain of the fullscale
value of approx. 21 mA (0xFFC) via AGIAAx(7:0) or
AGIABx(7:0).
For the ranges 0 to 2 mA or 0 to 200 µA, that are primar-
ily intended for the PT100 or PT1000 measurement, the
gain is calculated at 1.7 mA or 170 µA (both 0xCF3C)
via AGIACx(7:0) or AGIADx(7:0). This value is used for
energizing the PT elements and is stored on the chip.
The calibration is made with in each case 2 iterations
according to the following equation with the start value
AGIAmx0 = 0x80:
AGIAmxn+1 = AGIAmxn ∗
Imeas−Ioffset
Iset−Ioffset
+28 ∗ 16.6 ∗
Imeas−Ioffset
Iset−Ioffset
−
1
AGFnx, AOFnx
The current/voltage measurement calibration is made
for the different measuring ranges by setting the offset
(AOFnx) and the gain (AGFnx). Required is a previous
successful calibration of the voltage outputs.
At AGFnx = 0xC000 and AOFnx = 0x000, several volt-
age/current values are externally applied (Xset) and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com