Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-GD Datasheet(PDF) 41 Page - IC-Haus GmbH

Part # IC-GD
Description  UNIVERSAL I/O INTERFACE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-GD Datasheet(HTML) 41 Page - IC-Haus GmbH

Back Button IC-GD Datasheet HTML 37Page - IC-Haus GmbH IC-GD Datasheet HTML 38Page - IC-Haus GmbH IC-GD Datasheet HTML 39Page - IC-Haus GmbH IC-GD Datasheet HTML 40Page - IC-Haus GmbH IC-GD Datasheet HTML 41Page - IC-Haus GmbH IC-GD Datasheet HTML 42Page - IC-Haus GmbH IC-GD Datasheet HTML 43Page - IC-Haus GmbH IC-GD Datasheet HTML 44Page - IC-Haus GmbH IC-GD Datasheet HTML 45Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
prel
imin
ary
prel
imin
ary
iC-GD
UNIVERSAL I/O INTERFACE
Rev A1, Page 41/55
CH_STAT_x (DO / CNT(PWM))
P
R+RST -
0000000
bit 0
1 = Cable break (*)
bit 1
1 = Channel overtemperature (***)
bit 2
1 = Overcurrent IAx (**)
bit 6
1 = Overcurrent UNx
Table 32: CH_STAT_x in DO/PWM mode
(*) Cable break detection is based on the pull-
up/pull-down currents according to Item No. B04/B12.
A cable break will only be detected when the driver is
inactive and the connected load cannot pull away the
current, i.e. in the following operating conditions:
1) Low-side driver configured and switched off (i.e. out-
put at ’1’).
2) High-side driver configured and switched off (i.e. out-
put at ’0’).
The identification has a dead time of td(),ol, to also
enable high-resistance loads to discharge the line.
(**) The status bit for overcurrent is activated when an
active driver cannot saturate anymore. This condition
can be long-lasting, provided that the overtemperature
monitoring remains inactive.
(***) The channel overtemperature, as defined in
overtemperature behavior, switches off the digital driver.
When the restart temperature is underrun, the driver is
activated automatically. Therefore the driver oscillates
with a thermal time-constant.
CH_STAT_x (VI/CI/TM(TE))
P
R+RST -
0000000
bit 0
1 = lower range underrun
bit 1
1 = upper range overrun
bit 2
1 = lower limit underrun
bit 3
1 = upper limit overrun
bit 4
1 = cable break UPx/current underrun (CI at
4...20 mA only)
bit 5
1 = cable break UIx
bit 6
1 = overcurrent UNx
Table 33: CH_STAT_x in mode VI/CI/TE
(*) The current underrun is only active during current
measurement operation with a configured 4 to 20 mA
range and monitors the digital value for falling below
0xFD00 ˆ= 3.602 mA.
CH_STAT_x (TM(PT))
P
R+RST -
0000000
bit 0
1 = lower range underrun
bit 1
1 = upper range overrun
bit 2
1 = lower limit underrun
bit 3
1 = upper limit overrun
bit 4
1 = cable break UPx (4-wire only)/cable break IA
(2/3/4-wire)
bit 5
1 = cable break UIx (3/4-wire only)
bit 6
1 = overcurrent UNx
Table 34: CH_STAT_x in mode TM(PT)
CH_STAT_x (VO)
P
R+RST -
0000000
bit 0
1 = overcurrent UPx (pin higher than nominal)
bit 1
1 = overcurrent UPx (pin lower than nominal)
bit 6
1 = overcurrent UNx
Table 35: CH_STAT_x in mode VO
CH_STAT_x (CO)
P
R+RST -
0000000
bit 0
1 = cable break/R_load(*) IAx
bit 6
1 = overcurrent UNx
Table 36: CH_STAT_x in mode CO
(*) This bit is set if the cable at the relevant pin is bro-
ken or the combination of load resistance and current
prevents the driver from saturatiing.
CH_STAT_x (CNT except PWM)
P
R+RST -
0000000
bit 0
Mapping of digital input to spike filter and optional
inversion (*)
bit 1
1 = counter underrun
bit 2
1 = counter overrun
bit 4
1 = counter reached reference value
bit 5
1 = counter reached reference value #2 (CH_1 only,
see bit CNT_E2R)
bit 6
1 = overcurrent UNx
Table 37: CH_STAT_x in mode CNT
(*) When bit ENDOSC_x is activated, the output of
the comparator that is also available for the counter is
mapped instead.
IRQ_FLAG_REG
The register IRQ_FLAG_REG is controlled directly via
the opcode and therefore does not contain a register
address.
The bits of the CH_STAT_REG register that were acti-
vated via EN_IRQ_FLAG_REG are mapped to this reg-
ister. IRQ_FLAG_REG is no register as such. It is gen-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com