Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9642 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9642
Description  1.8 V Analog-to-Digital Converter (ADC)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9642 Datasheet(HTML) 4 Page - Analog Devices

  AD9642 Datasheet HTML 1Page - Analog Devices AD9642 Datasheet HTML 2Page - Analog Devices AD9642 Datasheet HTML 3Page - Analog Devices AD9642 Datasheet HTML 4Page - Analog Devices AD9642 Datasheet HTML 5Page - Analog Devices AD9642 Datasheet HTML 6Page - Analog Devices AD9642 Datasheet HTML 7Page - Analog Devices AD9642 Datasheet HTML 8Page - Analog Devices AD9642 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Data Sheet
AD9642
SPECIFICATIONS
ADC DC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.75 V p-p full-scale input range, DCS enabled,
unless otherwise noted.
Table 1.
Parameter
Temperature
AD9642-170
AD9642-210
AD9642-250
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
Full
14
14
14
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Guaranteed
Offset Error
Full
±11
±11
±10
mV
Gain Error
Full
+2/−11
+3.5/−8
+3/−7
%FSR
Differential Nonlinearity (DNL)
Full
±0.5
±0.55
±0.6
LSB
25°C
±0.3
±0.3
±0.32
LSB
Integral Nonlinearity (INL)1
Full
±1.3
±2.0
±2.5
LSB
25°C
±0.6
±0.75
±1.0
LSB
TEMPERATURE DRIFT
Offset Error
Full
±7
±7
±7
ppm/°C
Gain Error
Full
±52
±105
±75
ppm/°C
INPUT REFERRED NOISE
VREF = 1.0 V
25°C
0.83
0.85
0.85
LSB
rms
ANALOG INPUT
Input Span
Full
1.75
1.75
1.75
V p-p
Input Capacitance2
Full
2.5
2.5
2.5
pF
Input Resistance3
Full
20
20
20
kΩ
Input Common-Mode Voltage
Full
0.9
0.9
0.9
V
POWER SUPPLIES
Supply Voltage
AVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
Supply Current
IAVDD1
Full
123
136
129
139
136
146
mA
IDRVDD1
Full
50
64
56
67
64
69
mA
POWER CONSUMPTION
Sine Wave Input (DRVDD = 1.8 V)
Full
311
360
333
371
360
387
mW
Standby Power4
Full
50
50
50
mW
Power-Down Power
Full
5
5
5
mW
1
Measured with a low input frequency, full-scale sine wave.
2
Input capacitance refers to the effective capacitance between one differential input pin and its complement.
3
Input resistance refers to the effective resistance between one differential input pin and its complement.
4
Standby power is measured with a dc input and the CLK pin inactive (that is, set to AVDD or AGND).
Rev. B | Page 3 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com