Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9642 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9642
Description  1.8 V Analog-to-Digital Converter (ADC)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9642 Datasheet(HTML) 1 Page - Analog Devices

  AD9642 Datasheet HTML 1Page - Analog Devices AD9642 Datasheet HTML 2Page - Analog Devices AD9642 Datasheet HTML 3Page - Analog Devices AD9642 Datasheet HTML 4Page - Analog Devices AD9642 Datasheet HTML 5Page - Analog Devices AD9642 Datasheet HTML 6Page - Analog Devices AD9642 Datasheet HTML 7Page - Analog Devices AD9642 Datasheet HTML 8Page - Analog Devices AD9642 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
14-Bit, 170 MSPS/210 MSPS/250 MSPS,
1.8 V Analog-to-Digital Converter (ADC)
Data Sheet
AD9642
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2011–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
SNR = 71.0 dBFS at 185 MHz AIN and 250 MSPS
SFDR = 83 dBc at 185 MHz AIN and 250 MSPS
−152.0 dBFS/Hz input noise at 200 MHz, −1 dBFS AIN, 250 MSPS
Total power consumption: 390 mW at 250 MSPS
1.8 V supply voltages
LVDS (ANSI-644 levels) outputs
Integer 1-to-8 input clock divider (625 MHz maximum input)
Sample rates of up to 250 MSPS
Internal ADC voltage reference
Flexible analog input range
1.4 V p-p to 2.0 V p-p (1.75 V p-p nominal)
ADC clock duty cycle stabilizer
Serial port control
Energy saving power-down modes
APPLICATIONS
Communications
Diversity radio systems
Multimode digital receivers (3G)
TD-SCDMA, WiMAX, WCDMA,
CDMA2000, GSM, EDGE, LTE
I/Q demodulation systems
Smart antenna systems
General-purpose software radios
Ultrasound equipment
Broadband data applications
FUNCTIONAL BLOCK DIAGRAM
14
REFERENCE
SERIAL PORT
SCLK
SDIO
CSB
CLK+
CLK–
1-TO-8
CLOCK
DIVIDER
AD9642
VIN+
D0±/D1±
D12±/D13±
DCO±
VIN–
VCM
AVDD
AGND
DRVDD
PARALLEL
DDR LVDS
AND
DRIVERS
PIPELINE
14-BIT
ADC
Figure 1.
GENERAL DESCRIPTION
The AD9642 is a 14-bit analog-to-digital converter (ADC) with
sampling speeds of up to 250 MSPS. The AD9642 is designed to
support communications applications, where low cost, small
size, wide bandwidth, and versatility are desired.
The ADC core features a multistage, differential pipelined
architecture with integrated output error correction logic. The
ADC features wide bandwidth inputs that can support a variety
of user-selectable input ranges. An integrated voltage reference
eases design considerations. A duty cycle stabilizer (DCS) is
provided to compensate for variations in the ADC clock duty
cycle, allowing the converter to maintain excellent performance.
The ADC output data is routed directly to the external
14-bit LVDS output port.
Flexible power-down options allow significant power savings,
when desired.
Programming for setup and control is accomplished using a
3-wire SPI-compatible serial interface.
The AD9642 is available in a 32-lead LFCSP and is specified
over the industrial temperature range of −40°C to +85°C. This
product is protected by a U.S. patent.
PRODUCT HIGHLIGHTS
1.
Integrated 14-bit, 170 MSPS/210 MSPS/250 MSPS ADC.
2.
Operation from a single 1.8 V supply and a separate digital
output driver supply accommodating LVDS outputs.
3.
Proprietary differential input maintains excellent SNR
performance for input frequencies of up to 350 MHz.
4.
3-pin, 1.8 V SPI port for register programming and readback.
5.
Pin compatibility with the AD9634, allowing a simple migra-
tion from 14 bits to 12 bits, and with the AD6672.


Similar Part No. - AD9642

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9642 AD-AD9642 Datasheet
1Mb / 28P
14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9642 AD-AD9642 Datasheet
176Kb / 5P
High IF Sampling Receiver Front End with Band-Pass Filter
REV. 0
AD9642-170EBZ AD-AD9642-170EBZ Datasheet
1Mb / 28P
14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9642-170EBZ AD-AD9642-170EBZ Datasheet
1Mb / 28P
14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. B
AD9642-210EBZ AD-AD9642-210EBZ Datasheet
1Mb / 28P
14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
More results

Similar Description - AD9642

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
1.8 V Analog-to-Digital Converter
Rev. B
AD9608 AD-AD9608_17 Datasheet
1Mb / 41P
1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. C
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
1.8 V Analog-to-Digital Converter
10-May-2017
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
1.8 V Analog-to-Digital Converter
23-Feb-2017
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
1.8 V Analog-to-Digital Converter
09-Jun-2017
AD9211 AD-AD9211_17 Datasheet
1Mb / 29P
1.8 V Analog-to-Digital Converter
Rev. 0
AD9230 AD-AD9230_17 Datasheet
1Mb / 33P
1.8 V Analog-to-Digital Converter
Rev. 0
AD9268 AD-AD9268_17 Datasheet
2Mb / 45P
1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. A
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
1.8 V Analog-to-Digital Converter
Rev. 0
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
1.8 V Analog-to-Digital Converter
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com