Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9642 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9642
Description  1.8 V Analog-to-Digital Converter (ADC)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9642 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9642 Datasheet HTML 16Page - Analog Devices AD9642 Datasheet HTML 17Page - Analog Devices AD9642 Datasheet HTML 18Page - Analog Devices AD9642 Datasheet HTML 19Page - Analog Devices AD9642 Datasheet HTML 20Page - Analog Devices AD9642 Datasheet HTML 21Page - Analog Devices AD9642 Datasheet HTML 22Page - Analog Devices AD9642 Datasheet HTML 23Page - Analog Devices AD9642 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Data Sheet
AD9642
Rev. B | Page 19 of 28
VOLTAGE REFERENCE
A stable and accurate voltage reference is built into the AD9642.
The full-scale input range can be adjusted by varying the reference
voltage via SPI. The input span of the ADC tracks reference voltage
changes linearly.
CLOCK INPUT CONSIDERATIONS
For optimum performance, the AD9642 sample clock inputs,
CLK+ and CLK−, should be clocked with a differential signal.
The signal is typically ac-coupled into the CLK+ and CLK− pins
via a transformer or via capacitors. These pins are biased internally
(see Figure 51) and require no external bias. If the inputs are
floated, the CLK− pin is pulled low to prevent spurious clocking.
AVDD
CLK+
4pF
4pF
CLK–
0.9V
Figure 51. Simplified Equivalent Clock Input Circuit
Clock Input Options
The AD9642 has a very flexible clock input structure. Clock input
can be a CMOS, LVDS, LVPECL, or sine wave signal. Regardless
of the type of signal being used, clock source jitter is of the most
concern, as described in the Jitter Considerations section.
Figure 52 and Figure 53 show two preferable methods for
clocking the AD9642 (at clock rates of up to 625 MHz). A low
jitter clock source is converted from a single-ended signal to a
differential signal using an RF balun or RF transformer.
The RF balun configuration is recommended for clock
frequencies between 125 MHz and 625 MHz, and the RF
transformer is recommended for clock frequencies from
10 MHz to 200 MHz. The back-to-back Schottky diodes across
the secondary winding of the transformer limit clock excursions
into the AD9642 to approximately 0.8 V p-p differential. This
limit helps prevent the large voltage swings of the clock from
feeding through to other portions of the AD9642 while
preserving the fast rise and fall times of the signal, which are
critical for low jitter performance.
390pF
390pF
390pF
SCHOTTKY
DIODES:
HSMS2822
CLOCK
INPUT
50Ω
100Ω
CLK–
CLK+
ADC
Mini-Circuits®
ADT1-1WT, 1:1Z
XFMR
Figure 52. Transformer-Coupled Differential Clock (Up to 200 MHz)
390pF
390pF
390pF
CLOCK
INPUT
1nF
25Ω
25Ω
CLK–
CLK+
SCHOTTKY
DIODES:
HSMS2822
ADC
Figure 53. Balun-Coupled Differential Clock (Up to 625 MHz)
If a low jitter clock source is not available, another option is to
ac-couple a differential PECL signal to the sample clock input
pins as shown in Figure 54. The AD9510, AD9511, AD9512,
AD9513, AD9514, AD9515, AD9516, AD9517, AD9518, AD9520,
AD9522, AD9523, AD9524, and ADCLK905/ADCLK907/
ADCLK925 clock drivers offer excellent jitter performance.
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
240Ω
240Ω
PECL DRIVER
50kΩ
50kΩ
CLK–
CLK+
CLOCK
INPUT
CLOCK
INPUT
AD95xx,
ADCLK9xx
ADC
AD9642
Figure 54. Differential PECL Sample Clock (Up to 625 MHz)
A third option is to ac-couple a differential LVDS signal to the
sample clock input pins, as shown in Figure 55. The AD9510,
AD9511, AD9512, AD9513, AD9514, AD9515, AD9516, AD9517,
AD9518, AD9520, AD9522, AD9523, and AD9524 clock drivers
offer excellent jitter performance.
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
50kΩ
50kΩ
CLK–
CLK+
CLOCK
INPUT
CLOCK
INPUT
AD95xx
LVDS DRIVER
ADC
AD9642
Figure 55. Differential LVDS Sample Clock (Up to 625 MHz)
Input Clock Divider
The AD9642 contains an input clock divider with the ability to
divide the input clock by integer values between 1 and 8. The
duty cycle stabilizer (DCS) is enabled by default on power-up.
Clock Duty Cycle
Typical high speed ADCs use both clock edges to generate a
variety of internal timing signals and, as a result, may be
sensitive to clock duty cycle. Commonly, a ±5% tolerance is
required on the clock duty cycle to maintain dynamic
performance characteristics.
The AD9642 contains a DCS that retimes the nonsampling
(falling) edge, providing an internal clock signal with a nominal
50% duty cycle. This allows the user to provide a wide range of
clock input duty cycles without affecting the performance of the
AD9642.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com