Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9642 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9642
Description  1.8 V Analog-to-Digital Converter (ADC)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9642 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9642 Datasheet HTML 9Page - Analog Devices AD9642 Datasheet HTML 10Page - Analog Devices AD9642 Datasheet HTML 11Page - Analog Devices AD9642 Datasheet HTML 12Page - Analog Devices AD9642 Datasheet HTML 13Page - Analog Devices AD9642 Datasheet HTML 14Page - Analog Devices AD9642 Datasheet HTML 15Page - Analog Devices AD9642 Datasheet HTML 16Page - Analog Devices AD9642 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AD9642
Data Sheet
0
–140
0
105
FREQUENCY (MHz)
–120
–100
–80
–60
–40
–20
15
30
45
60
75
90
210MSPS
90.1MHz @ –1dBFS
SNR = 71.2dB (72.2dBFS)
SFDR = 92dBc
THIRD HARMONIC
SECOND HARMONIC
Figure 16. AD9642-210 Single-Tone FFT with fIN = 90.1 MHz
0
–140
0
105
FREQUENCY (MHz)
–120
–100
–80
–60
–40
–20
15
30
45
60
75
90
210MSPS
185.1MHz @ –1dBFS
SNR = 70.5dB (71.5dBFS)
SFDR = 93dBc
THIRD HARMONIC
SECOND HARMONIC
Figure 17. AD9642-210 Single-Tone FFT with fIN = 185.1 MHz
0
–140
0
105
FREQUENCY (MHz)
–120
–100
–80
–60
–40
–20
15
30
45
60
75
90
210MSPS
220.1MHz @ –1dBFS
SNR = 70dB (71dBFS)
SFDR = 84dBc
THIRD HARMONIC
SECOND HARMONIC
Figure 18. AD9642-210 Single-Tone FFT with fIN = 220.1 MHz
0
–140
0
105
FREQUENCY (MHz)
–120
–100
–80
–60
–40
–20
15
30
45
60
75
90
210MSPS
305.1MHz @ –1dBFS
SNR = 68.7dB (69.7dBFS)
SFDR = 83dBc
THIRD HARMONIC
SECOND HARMONIC
Figure 19. AD9642-210 Single-Tone FFT with fIN = 305.1 MHz
120
100
80
60
40
20
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
INPUT AMPLITUDE (dBFS)
SFDR (dBFS)
SNR (dBFS)
SFDR (dBc)
SNR (dBc)
Figure 20. AD9642-210 Single-Tone SNR/SFDR vs. Input Amplitude (AIN)
with fIN = 90.1 MHz, fS = 210 MSPS
100
95
90
85
80
75
70
65
60
FREQUENCY (MHz)
SFDR (dBc)
SNR (dBFS)
Figure 21. AD9642-210 Single-Tone SNR/SFDR vs. Input Frequency (fIN),
fS = 210 MSPS
Rev. B | Page 12 of 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com