Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9642 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9642
Description  1.8 V Analog-to-Digital Converter (ADC)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9642 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9642 Datasheet HTML 17Page - Analog Devices AD9642 Datasheet HTML 18Page - Analog Devices AD9642 Datasheet HTML 19Page - Analog Devices AD9642 Datasheet HTML 20Page - Analog Devices AD9642 Datasheet HTML 21Page - Analog Devices AD9642 Datasheet HTML 22Page - Analog Devices AD9642 Datasheet HTML 23Page - Analog Devices AD9642 Datasheet HTML 24Page - Analog Devices AD9642 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
AD9642
Data Sheet
Rev. B | Page 20 of 28
Jitter on the rising edge of the input clock is still of paramount
concern and is not reduced by the duty cycle stabilizer. The duty
cycle control loop does not function for clock rates less than
40 MHz nominally. The loop has a time constant associated
with it that must be considered when the clock rate may change
dynamically. A wait time of 1.5 μs to 5 μs is required after a
dynamic clock frequency increase or decrease before the DCS
loop is relocked to the input signal. During the time that the loop
is not locked, the DCS loop is bypassed, and internal device timing
is dependent on the duty cycle of the input clock signal. In such
applications, it may be appropriate to disable the duty cycle
stabilizer. In all other applications, enabling the DCS circuit is
recommended to maximize ac performance.
Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality of
the clock input. The degradation in SNR at a given input
frequency (fIN) due to jitter (tJ) can be calculated by
SNRHF = −10 log[(2π × fIN × tJRMS)2 + 10
)
10
/
(
LF
SNR
]
In the equation, the rms aperture jitter represents the root-
mean-square of all jitter sources, which include the clock input,
the analog input signal, and the ADC aperture jitter specification.
IF undersampling applications are particularly sensitive to jitter,
as shown in Figure 56.
50
55
60
65
70
75
80
1
10
100
1000
INPUT FREQUENCY (MHz)
0.05ps
0.2ps
0.5ps
1ps
1.5ps
MEASURED
Figure 56. AD9642-250 SNR vs. Input Frequency and Jitter
In cases where aperture jitter may affect the dynamic range of the
AD9642, treat the clock input as an analog signal. In addition,
use separate power supplies for the clock drivers and the ADC
output driver to avoid modulating the clock signal with digital
noise. Low jitter, crystal controlled oscillators provide the best
clock sources. If the clock is generated from another type of source
(by gating, dividing, or another method), it should be retimed
by the original clock during the last step.
Refer to the AN-501 Application Note, Aperture Uncertainty and
ADC System Performance, and the AN-756 Application Note,
Sampled Systems and the Effects of Clock Phase Noise and Jitter, for
more information about jitter performance as it relates to ADCs.
POWER DISSIPATION AND STANDBY MODE
As shown in Figure 57, the power dissipated by the AD9642 is
proportional to its sample rate. The data in Figure 57 was taken
using the same operating conditions as those used for the
Typical Performance Characteristics section.
0
0.05
0.10
0.15
0.20
0.25
0
0.1
0.2
0.3
0.4
40
55
70
85 100 115 130 145 160 175 190 205 220 235 250
ENCODE FREQUENCY (MSPS)
IAVDD
TOTAL POWER
IDRVDD
Figure 57. AD9642-250 Power and Current vs. Sample Rate
By setting the internal power-down mode bits (Bits[1:0]) in the
power modes register (Address 0x08) to 01, the AD9642 is
placed in power-down mode. In this state, the ADC typically
dissipates 2.5 mW. During power-down, the output drivers are
placed in a high impedance state.
Low power dissipation in power-down mode is achieved by
shutting down the reference, reference buffer, biasing networks,
and clock. Internal capacitors are discharged when entering
power-down mode and then must be recharged when returning
to normal operation. As a result, the wake-up time is related to
the time spent in power-down mode, and shorter power-down
cycles result in proportionally shorter wake-up times.
When using the SPI port interface, the user can place the ADC
in power-down mode or standby mode. Standby mode allows
the user to keep the internal reference circuitry powered when
faster wake-up times are required. To put the part into standby
mode, set the internal power-down mode bits (Bits[1:0]) in the
power modes register (Address 0x08) to 10. See the Memory
Map section and the AN-877 Application Note, Interfacing to
High Speed ADCs via SPI, for additional details.
DIGITAL OUTPUTS
The AD9642 output drivers can be configured for either ANSI
LVDS or reduced swing LVDS using a 1.8 V DRVDD supply.
As detailed in the AN-877 Application Note, Interfacing to High
Speed ADCs via SPI, the data format can be selected for offset
binary, twos complement, or gray code when using the SPI control.
Digital Output Enable Function (OEB)
The AD9642 has a flexible three-state ability for the digital
output pins. The three-state mode is enabled using the SPI
interface. The data outputs can be three-stated by using the
output enable bar bit (Bit 4) in Register 0x14. This OEB
function is not intended for rapid access to the data bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com